Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP3NB60 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGP3NB60
Description  N-CHANNEL 3A - 600V TO-220 PowerMESH IGBT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP3NB60 Datasheet(HTML) 3 Page - STMicroelectronics

  STGP3NB60 Datasheet HTML 1Page - STMicroelectronics STGP3NB60 Datasheet HTML 2Page - STMicroelectronics STGP3NB60 Datasheet HTML 3Page - STMicroelectronics STGP3NB60 Datasheet HTML 4Page - STMicroelectronics STGP3NB60 Datasheet HTML 5Page - STMicroelectronics STGP3NB60 Datasheet HTML 6Page - STMicroelectronics STGP3NB60 Datasheet HTML 7Page - STMicroelectronics STGP3NB60 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELECTRICAL CHARACTERISTICS (continued)
SWITCHING OFF
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
tc
tr(voff)
td(off)
tf
Eoff(**)
Ets
Cross-O ver Time
Off Volt age Rise Time
Delay Time
Fall T ime
Turn-off Swit ching Loss
Tot al Switching Loss
VCC =480 V
IC =3 A
RGE =10
VGE =15 V
90
36
53
70
33
65
ns
ns
ns
ns
µJ
µJ
tc
tr(voff)
td(off)
tf
Eoff(**)
Ets
Cross-O ver Time
Off Volt age Rise Time
Delay Time
Fall T ime
Turn-off Swit ching Loss
Tot al Switching Loss
VCC = 480 V
I C =3 A
RGE =10
VGE =15 V
Tj = 125
oC
180
82
58
110
88
125
ns
ns
ns
ns
µJ
µJ
(
•) Pulse width limited by max. junction temperature
(
∗) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
(**)Losses Include Also The Tail (Jedec Standardization)
Thermal Impedance
STGP3NB60H
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com