Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGD3NB60K Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGD3NB60K
Description  N-CHANNEL 3A - 600V - TO-220/DPAK/D2PAK PowerMES TM IGBT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD3NB60K Datasheet(HTML) 1 Page - STMicroelectronics

  STGD3NB60K Datasheet HTML 1Page - STMicroelectronics STGD3NB60K Datasheet HTML 2Page - STMicroelectronics STGD3NB60K Datasheet HTML 3Page - STMicroelectronics STGD3NB60K Datasheet HTML 4Page - STMicroelectronics STGD3NB60K Datasheet HTML 5Page - STMicroelectronics STGD3NB60K Datasheet HTML 6Page - STMicroelectronics STGD3NB60K Datasheet HTML 7Page - STMicroelectronics STGD3NB60K Datasheet HTML 8Page - STMicroelectronics STGD3NB60K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
March 2004
STGP3NB60K
STGD3NB60K
N-CHANNEL 6A - 600V - TO-220 / DPAK
SHORT CIRCUIT PROOF PowerMESH™ IGBT
s
HIGH INPUT IMPEDANCE (VOLTAGE
DRIVEN)
s
LOW ON-VOLTAGE DROP (Vcesat)
s
LOW GATE CHARGE
s
HIGH CURRENT CAPABILITY
s
OFF LOSSES INCLUDE TAIL CURRENT
s
HIGH FREQUENCY OPERATION
s
SHORT CIRCUIT RATED
DESCRIPTION
Using the latest high voltage technology based on
a patented strip layout, STMicroelectronics has de-
signed an advanced family of IGBTs, the Power-
MESH™ IGBTs, with outstanding performances.
The suffix “K” identifies a family optimized for high
frequency motor control applications with short cir-
cuit withstand capability.
APPLICATIONS
s
HIGH FREQUENCY MOTOR CONTROLS
s
SMPS AND PFC IN BOTH HARD SWITCHING
AND RESONANT TOPOLOGIES
ORDERING INFORMATION
TYPE
VCES
VCE(sat)
(Max) @ 25°C
IC(#)
@100°C
STGP3NB60K
STGD3NB60K
600 V
600 V
<2.8 V
<2
.8 V
6A
6A
SALES TYPE
MARKING
PACKAGE
PACKAGING
STGP3NB60K
GP3NB60K
TO-220
TUBE
STGD3NB60KT4
GD3NB60K
DPAK
TAPE & REEL
TO-220
1
2
3
DPAK
1
3
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STGD3NB60K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGD3NB60F STMICROELECTRONICS-STGD3NB60F Datasheet
732Kb / 14P
N-CHANNEL 3A - 600V - TO-220/TO-220FP/DPAK/D2PAK PowerMESH™ IGBT
Jun-2003
STGD3NB60H STMICROELECTRONICS-STGD3NB60H Datasheet
86Kb / 8P
N-CHANNEL 3A - 600V TO-252 PowerMESH IGBT
Jun-1999
STGD3NB60HD STMICROELECTRONICS-STGD3NB60HD Datasheet
504Kb / 10P
N-CHANNEL 6A - 600V - DPAK PowerMESH TM IGBT
Sep-2003
STGD3NB60HDT4 STMICROELECTRONICS-STGD3NB60HDT4 Datasheet
504Kb / 10P
N-CHANNEL 6A - 600V - DPAK PowerMESH TM IGBT
Sep-2003
STGD3NB60S STMICROELECTRONICS-STGD3NB60S Datasheet
83Kb / 8P
N-CHANNEL 3A - 600V DPAK Power MESH IGBT
Jun-1999
More results

Similar Description - STGD3NB60K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP3NB60S STMICROELECTRONICS-STGP3NB60S Datasheet
411Kb / 10P
N-CHANNEL 3A - 600V - TO-220 / DPAK PowerMESH™ IGBT
Aug-2002
STGP7NB60K STMICROELECTRONICS-STGP7NB60K Datasheet
710Kb / 14P
N-CHANNEL 7A - 600V - TO-220/FP/DPAK/D2PAK PowerMESH™ IGBT
Jun-2002
STGP3NB60F STMICROELECTRONICS-STGP3NB60F Datasheet
732Kb / 14P
N-CHANNEL 3A - 600V - TO-220/TO-220FP/DPAK/D2PAK PowerMESH™ IGBT
Jun-2003
STGB3NB60HD STMICROELECTRONICS-STGB3NB60HD_03 Datasheet
586Kb / 12P
N-CHANNEL 3A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
Sep-2003
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD Datasheet
453Kb / 15P
N-channel 600V - 10A - TO-220 - D2PAK Very fast PowerMESH TM IGBT
08-Feb-2007
STGB10NC60K STMICROELECTRONICS-STGB10NC60K_07 Datasheet
599Kb / 17P
N-channel 600V - 10A - D2PAK / TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
08-Feb-2007
STGD3NB60SD STMICROELECTRONICS-STGD3NB60SD_04 Datasheet
305Kb / 9P
N-CHANNEL 3A - 600V - DPAK PowerMESH TM IGBT
May-2004
STGP10NB60S STMICROELECTRONICS-STGP10NB60S_05 Datasheet
387Kb / 13P
N-CHANNEL 10A - 600V - TO-220/TO-220FP/D2PAK PowerMESH™ IGBT
28-Feb-2005
STGBL6NC60D STMICROELECTRONICS-STGBL6NC60D Datasheet
491Kb / 19P
N-channel 600V - 6A - DPAK / D2PAK / TO-220 / TO-220FP Hyper fast IGBT
18-Jul-2007
STGB8NC60K STMICROELECTRONICS-STGB8NC60K Datasheet
448Kb / 17P
N-channel 600V - 8A - D2PAK / DPAK / TO-220 Short circuit rated PowerMESH IGBT
02-Oct-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com