Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC486 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC486
Description  Ultralow Power RS485 Transceiver with Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC486 Datasheet(HTML) 1 Page - Linear Technology

  LTC486 Datasheet HTML 1Page - Linear Technology LTC486 Datasheet HTML 2Page - Linear Technology LTC486 Datasheet HTML 3Page - Linear Technology LTC486 Datasheet HTML 4Page - Linear Technology LTC486 Datasheet HTML 5Page - Linear Technology LTC486 Datasheet HTML 6Page - Linear Technology LTC486 Datasheet HTML 7Page - Linear Technology LTC486 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC1481
1481fa
Ultralow Power
RS485 Transceiver
with Shutdown
The LTC
®1481 is an ultralow power differential line trans-
ceiver designed for data transmission standard RS485
applications. It will also meet the requirements of RS422.
The CMOS design offers significant power savings over its
bipolar counterparts without sacrificing ruggedness against
overload or ESD damage. Typical quiescent current is only
80
µA while operating and less than 1µA in shutdown.
The driver and receiver feature three-state outputs, with
the driver outputs maintaining high impedance over the
entire common mode range. Excessive power dissipation
caused by bus contention or faults is prevented by a
thermal shutdown circuit which forces the driver outputs
into a high impedance state. The receiver has a fail-safe
feature which guarantees a high output state when the
inputs are left open.
The LTC1481 is fully specified over the commercial and
extended industrial temperature range and is available in
8-pin PDIP and SO packages.
s
Low Power: ICC = 120µA Max with Driver Disabled
s
Drivers/Receivers Have
±10kV ESD Protection
s
1
µA Quiescent Current in Shutdown Mode
s
High Speed: Up to 2.5Mbits/s Data Rate
s
ICC = 500µA Max with Driver Enabled, No Load
s
Single 5V Supply
s
– 7V to 12V Common Mode Range Permits
±7V
Ground Difference Between Devices on the Data Line
s
Thermal Shutdown Protection
s
Power Up/Down Glitch-Free Driver Outputs Permit
Live Insertion or Removal of Transceiver
s
Driver Maintains High Impedance in Three-State
or with the Power Off
s
Up to 32 Transceivers on the Bus
s
30ns Typical Driver Propagation Delays
with 5ns Skew
s
Pin Compatible with the LTC485
s
Battery-Powered RS485/RS422 Applications
s
Low Power RS485/RS422 Transceiver
s
Level Translator
TEMPERATURE (
°C)
–50
50
350
300
250
200
150
100
50
0
1481 TA02
0
–25
25
75
125
175
150
100
DRIVER ENABLED
DRIVER DISABLED
THERMAL SHUTDOWN
WITH DRIVER ENABLED
VCC1
GND1
R
RO1
RE1
DE1
DI1
D
VCC2
GND2
R
RO2
RE2
DE2
DI2
D
Rt
Rt
LTC1481 • TA01
Supply Current vs Temperature
, LTC and LT are registered trademarks of Linear Technology Corporation.
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC486

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC486 LINER-LTC486 Datasheet
227Kb / 8P
Quad Low Power RS485 Driver
LTC486 LINER-LTC486 Datasheet
113Kb / 8P
Quad Low Power RS485 Driver
LTC486 LINER-LTC486 Datasheet
797Kb / 14P
Quad Low Power RS485 Driver
LTC486C LINER-LTC486C Datasheet
227Kb / 8P
Quad Low Power RS485 Driver
LTC486CN LINER-LTC486CN Datasheet
227Kb / 8P
Quad Low Power RS485 Driver
More results

Similar Description - LTC486

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1481 LINER-LTC1481 Datasheet
219Kb / 8P
Ultra-Low Power RS485 Transceiver with Shutdown
LTC1483 LINER-LTC1483 Datasheet
243Kb / 8P
Ultra-Low Power RS485 Low EMI Transceiver with Shutdown
LTC1484 LINER-LTC1484 Datasheet
274Kb / 16P
Low Power RS485 Transceiver with Receiver Fail-Safe
LTC485 LINER-LTC485 Datasheet
327Kb / 12P
Low Power RS485 Interface Transceiver
LTC485 LINER-LTC485_06 Datasheet
282Kb / 12P
Low Power RS485 Interface Transceiver
LTC485IS8 LINER-LTC485IS8 Datasheet
294Kb / 14P
Low Power RS485 Interface Transceiver
LTC485 LINER-LTC485_15 Datasheet
308Kb / 14P
Low Power RS485 Interface Transceiver
LTC1480 LINER-LTC1480_15 Datasheet
155Kb / 8P
3.3V Ultralow Power RS485 Transceiver
LTC1481 LINER-LTC1481_15 Datasheet
165Kb / 8P
Ultralow Power RS485 Transceiver with Shutdown
LTC1483 LINER-LTC1483_15 Datasheet
197Kb / 8P
Ultra-Low Power RS485 Low EMI Transceiver with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com