Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGD3NB60S Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGD3NB60S
Description  N-CHANNEL 3A - 600V - TO-220 / DPAK PowerMESH™ IGBT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD3NB60S Datasheet(HTML) 1 Page - STMicroelectronics

  STGD3NB60S Datasheet HTML 1Page - STMicroelectronics STGD3NB60S Datasheet HTML 2Page - STMicroelectronics STGD3NB60S Datasheet HTML 3Page - STMicroelectronics STGD3NB60S Datasheet HTML 4Page - STMicroelectronics STGD3NB60S Datasheet HTML 5Page - STMicroelectronics STGD3NB60S Datasheet HTML 6Page - STMicroelectronics STGD3NB60S Datasheet HTML 7Page - STMicroelectronics STGD3NB60S Datasheet HTML 8Page - STMicroelectronics STGD3NB60S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
August 2002
STGP3NB60S
STGD3NB60S
N-CHANNEL 3A - 600V - TO-220 / DPAK
PowerMESH™ IGBT
(q ) Pulse width limited by safe operating area
s
HIGH INPUT IMPEDANCE (VOLTAGE DRIVEN)
s
VERY LOW ON-VOLTAGE DROP (Vcesat)
s
OFF LOSSES INCLUDE TAIL CURRENT
s
ADD SUFFIX “T4” FOR ORDERING IN TAPE &
REEL (SMD VERSION)
DESCRIPTION
Using the latest high voltage technology based on a
patented strip layout, STMicroelectronics has
designed an advanced family of IGBTs, the
PowerMESH™ IGBTs, with outstanding
performances. The suffix “S” identifies a family
optimized achieve minimum on-voltage drop for low
frequency applications (<1kHz).
APPLICATIONS
s
MOTOR CONTROL
s
LIGHT DIMMER
s
STATIC RELAYS
ABSOLUTE MAXIMUM RATINGS
TYPE
VCES
VCE(sat)
IC
STGP3NB60S
STGD3NB60S
600 V
600 V
<1.5 V
<1.5 V
3A
3A
Symbol
Parameter
Value
Unit
STGP3NB60S
STGD3NB60S
VCES
Collector-Emitter Voltage (VGS =0)
600
V
VECR
Reverse Battery Protection
20
V
VGE
Gate-Emitter Voltage
±20
V
IC
Collector Current (continuous) at TC =25°C
6A
IC
Collector Current (continuous) at TC = 100°C
3A
ICM ( )
Collector Current (pulsed)
24
A
PTOT
Total Dissipation at TC = 25°C
65
45
W
Derating Factor
0.32
W/°C
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
DPAK
1
2
3
1
3
TO-220
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STGD3NB60S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGD3NB60S STMICROELECTRONICS-STGD3NB60S Datasheet
83Kb / 8P
N-CHANNEL 3A - 600V DPAK Power MESH IGBT
Jun-1999
STGD3NB60SD STMICROELECTRONICS-STGD3NB60SD Datasheet
322Kb / 8P
N-CHANNEL 3A - 600V DPAK Power MESH IGBT
Mar-2000
STGD3NB60SD STMICROELECTRONICS-STGD3NB60SD Datasheet
305Kb / 9P
N-CHANNEL 3A - 600V - DPAK PowerMESH TM IGBT
May-2004
STGD3NB60SDT4 STMICROELECTRONICS-STGD3NB60SDT4 Datasheet
305Kb / 9P
N-CHANNEL 3A - 600V - DPAK PowerMESH TM IGBT
May-2004
STGD3NB60SD STMICROELECTRONICS-STGD3NB60SD_04 Datasheet
305Kb / 9P
N-CHANNEL 3A - 600V - DPAK PowerMESH TM IGBT
May-2004
More results

Similar Description - STGD3NB60S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP3NB60H STMICROELECTRONICS-STGP3NB60H Datasheet
87Kb / 8P
N-CHANNEL 3A - 600V TO-220 PowerMESH IGBT
Jun-1999
STGP3NB60HD STMICROELECTRONICS-STGP3NB60HD Datasheet
104Kb / 9P
N-CHANNEL 3A - 600V TO-220/FP PowerMESH IGBT
Jun-1999
STGP7NB60K STMICROELECTRONICS-STGP7NB60K Datasheet
710Kb / 14P
N-CHANNEL 7A - 600V - TO-220/FP/DPAK/D2PAK PowerMESH™ IGBT
Jun-2002
STGP3NB60F STMICROELECTRONICS-STGP3NB60F Datasheet
732Kb / 14P
N-CHANNEL 3A - 600V - TO-220/TO-220FP/DPAK/D2PAK PowerMESH™ IGBT
Jun-2003
STGP7NB60F STMICROELECTRONICS-STGP7NB60F Datasheet
330Kb / 8P
N-CHANNEL 7A - 600V - T0-220 / DPAK PowerMESH IGBT
Jun-2003
STGP7NC60H STMICROELECTRONICS-STGP7NC60H Datasheet
367Kb / 12P
N-CHANNEL 14A - 600V TO-220/DPAK Very Fast PowerMESH IGBT
09-Jun-2005
STGP7NC60HD STMICROELECTRONICS-STGP7NC60HD Datasheet
430Kb / 15P
N-CHANNEL 14A - 600V - TO-220/TO-220FP/DPAK Very Fast PowerMESH IGBT
STGB3NB60HD STMICROELECTRONICS-STGB3NB60HD_03 Datasheet
586Kb / 12P
N-CHANNEL 3A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
Sep-2003
STGD3NB60SD STMICROELECTRONICS-STGD3NB60SD_04 Datasheet
305Kb / 9P
N-CHANNEL 3A - 600V - DPAK PowerMESH TM IGBT
May-2004
STGP7NB60M STMICROELECTRONICS-STGP7NB60M Datasheet
529Kb / 11P
N-CHANNEL 7A - 600V TO-220 / DPAK PowerMESH™ IGBT
Jun-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com