Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGQ2001H Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # AGQ2001H
Description  ULTRA-SMALL PACKAGE FLAT POLARIZED RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

AGQ2001H Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  AGQ2001H Datasheet HTML 1Page - Nais(Matsushita Electric Works) AGQ2001H Datasheet HTML 2Page - Nais(Matsushita Electric Works) AGQ2001H Datasheet HTML 3Page - Nais(Matsushita Electric Works) AGQ2001H Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GQ
130
TYPICAL APPLICATIONS
• Telephone exchange, transmission
equipment
• Communications devices
• Measurement devices
• Home appliances, and audio/visual
equipment
• Handheld and portable products
ORDERING INFORMATION
200
A
Z
1H
Ex. AGQ
Contact arrangement
Terminal shape
Operating function
Packing style
Coil voltage (DC)
Nil: Standard PC board terminal
A: Surface-mount terminal A type
S: Surface-mount terminal S type
2: 2 Form C
0: Single side stable
1: 1 coil latching
Type of operation
0: Standard type
(B.B.M.)
Nil: Tube packing
Z: Tape and reel packing
(piked from 5/6/7/8
pin side)
1H: 1.5V
03 : 3V
4H: 4.5V
06 : 6V
09 : 9V
12 : 12V
24 : 24V
Note: Tape and reel packing symbol “-Z” is not marked on the relay. “X” type tape and reel packing (picked from 1/2/3/4-pin side) is also available. Suffix “X” instead of “Z”.
TYPES AND COIL DATA (at 20
°C 68°F)
(1) Standard PC board terminal
1) Standard packing: 50 pcs. in an inner package (tube); 1,000 pcs. in an outer package
2) Specified value of pick-up, drop-out, set and reset voltage is with the condition of square wave coil pulse.
(2) Surface-mount terminal
r: For each surface-mounted terminal variation, input the following letter.
A type: A, S type: S
1) Standard packing: 50 pcs.(tube), 900pcs. (tape and reel)in an inner package; 1,000 pcs.(tube), 1,800pcs. (tape and reel)in an outer package
2) Specified value of pick-up, drop-out, set and reset voltage is with the condition of square wave coil pulse.
Operating
Function
Part No.
Coil Rating,
V DC
Pick-up volt-
age, V DC
(max.)
(initial)
Drop-out
voltage,
V DC (min.)
(initial)
Nominal
operating
current,
mA (
±10%)
Coil resistance,
Ω (±10%)
Nominal
operating
power, mW
Max. allowable
voltage,
V DC
Standard PC
board terminal
Single side
stable
AGQ2001H
1.5
1.13
0.15
93.8
16
140
2.25
AGQ20003
3
2.25
0.3
46.7
64.2
140
4.5
AGQ2004H
4.5
3.38
0.45
31
145
140
6.75
AGQ20006
6
4.5
0.6
23.3
257
140
9
AGQ20009
9
6.75
0.9
15.5
579
140
13.5
AGQ20012
12
9
1.2
11.7
1,028
140
18
AGQ20024
24
18
2.4
9.6
2,504
230
28.8
Operating
Function
Part No.
Coil Rating,
V DC
Set voltage,
V DC (max.)
(initial)
Reset voltage,
V DC (max.)
(initial)
Nominal
operating
current,
mA (
±10%)
Coil resistance,
Ω (±10%)
Nominal
operating
power, mW
Max. allowable
voltage,
V DC
Standard PC
board terminal
1 coil
latching
AGQ2101H
1.5
1.13
1.13
66.7
22.5
100
2.25
AGQ21003
3
2.25
2.25
33.3
90
100
4.5
AGQ2104H
4.5
3.38
3.38
22.2
202.5
100
6.75
AGQ21006
6
4.5
4.5
16.7
360
100
9
AGQ21009
9
6.75
6.75
11.1
810
100
13.5
AGQ21012
12
9
9
8.3
1,440
100
18
AGQ21024
24
18
18
5.0
4,800
120
36
Operating
Function
Part No.
Coil Rating,
V DC
Pick-up
voltage,
V DC (max.)
(initial)
Drop-out
voltage,
V DC (min.)
(initial)
Nominal
operating
current,
mA (
±10%)
Coil
resistance,
Ω (±10%)
Nominal
operating
power,
mW
Max.
allowable
voltage,
V DC
Tube packing
Tape and reel
packing
Single side
stable
AGQ200r1H
AGQ200r1HZ
1.5
1.13
0.15
93.8
16
140
2.25
AGQ200r03
AGQ200r03Z
3
2.25
0.3
46.7
64.2
140
4.5
AGQ200r4H
AGQ200r4HZ
4.5
3.38
0.45
31
145
140
6.75
AGQ200r06
AGQ200r06Z
6
4.5
0.6
23.3
257
140
9
AGQ200r09
AGQ200r09Z
9
6.75
0.9
15.5
579
140
13.5
AGQ200r12
AGQ200r12Z
12
9
1.2
11.7
1,028
140
18
AGQ200r24
AGQ200r24Z
24
18
2.4
9.6
2,504
230
28.8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com