Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B5973D Datasheet(PDF) 5 Page - STMicroelectronics

Part # B5973D
Description  2 A step down switching regulator for automotive applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

B5973D Datasheet(HTML) 5 Page - STMicroelectronics

  B5973D Datasheet HTML 1Page - STMicroelectronics B5973D Datasheet HTML 2Page - STMicroelectronics B5973D Datasheet HTML 3Page - STMicroelectronics B5973D Datasheet HTML 4Page - STMicroelectronics B5973D Datasheet HTML 5Page - STMicroelectronics B5973D Datasheet HTML 6Page - STMicroelectronics B5973D Datasheet HTML 7Page - STMicroelectronics B5973D Datasheet HTML 8Page - STMicroelectronics B5973D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
B5973D
4/11
3
Electrical characteristics
Table 4.
Electrical characteristics
(TJ=-40 °C to 125 °C, VCC = 12 V, unless otherwise specified)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VCC
Operating input
voltage range
V0=1.235 V; I0=2 A
4
36
V
RDS(on)
MOSFET on
resistance
0.250
0.5
IL
Maximum limiting
current
VCC=5 V
2.25
3
3.5
A
fSW
Switching frequency
212
250
280
kHz
Duty cycle
0
100
%
Dynamic characteristics (see test circuit).
V5
Voltage feedback
4.4 V<VCC<36 V,
20 mA<I0<2 A
1.198
1.235
1.272
V
η
Efficiency
V0=5 V, VCC=12 V
90
%
DC characteristics
Iqop
Total operating
quiescent current
35
mA
Iq
Quiescent current
Duty cycle= 0; VFB=1.5 V
2.5
mA
Iqst-by
Total stand-by
quiescent current
Vinh > 2.2 V
50
100
µA
VCC=36 V;
Vinh > 2.2 V
80
150
µA
Inhibit
INH threshold voltage
Device ON
0.8
V
Device OFF
2.2
V
Error amplifier
VOH
High level output
voltage
VFB=1 V
3.5
V
VOL
Low level output
voltage
VFB=1.5 V
0.4
V
Io source
Source output current
VCOMP = 1.9 V; VFB = 1 V
190
300
µA
Io sink
Sink output current
VCOMP = 1.9 V; VFB = 1.5 V
11.5
mA
Ib
Source bias current
2.5
4
µA
DC open loop gain
RL =
50
65
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com