Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP7NB60K Datasheet(PDF) 2 Page - STMicroelectronics

Part # STGP7NB60K
Description  N-CHANNEL 7A - 600V - TO-220/FP/DPAK/D2PAK PowerMESH™ IGBT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP7NB60K Datasheet(HTML) 2 Page - STMicroelectronics

  STGP7NB60K Datasheet HTML 1Page - STMicroelectronics STGP7NB60K Datasheet HTML 2Page - STMicroelectronics STGP7NB60K Datasheet HTML 3Page - STMicroelectronics STGP7NB60K Datasheet HTML 4Page - STMicroelectronics STGP7NB60K Datasheet HTML 5Page - STMicroelectronics STGP7NB60K Datasheet HTML 6Page - STMicroelectronics STGP7NB60K Datasheet HTML 7Page - STMicroelectronics STGP7NB60K Datasheet HTML 8Page - STMicroelectronics STGP7NB60K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
STGP7NB60K/STGP7NB60KFP/STGD7NB60K/STGP7NB60KD/STGB7NB60KD/STGP7NB60KDFP
2/14
ABSOLUTE MAXIMUM RATINGS
(
n) Pulse width limited by safe operating area
(1) For “D” version only
THERMAL DATA
ELECTRICAL CHARACTERISTICS (TCASE = 25 °C UNLESS OTHERWISE SPECIFIED)
MAIN PARAMETERS
Symbol
Parameter
Value
Unit
TO-220
D2PAK
TO-220FP
DPAK
VCES
Collector-Emitter Voltage (VGS = 0)
600
V
VECR
Emitter-Collector Voltage
20
V
VGE
Gate-Emitter Voltage
±20
V
IC
Collector Current (continuous) at TC = 25°C
14
14
14
A
IC
Collector Current (continuous) at TC = 125°C
77
7
A
ICM (n)
Collector Current (pulsed)
50
50
50
A
If (1)
Forward Current
7
A
Ifm (1)
Forward Current Pulsed
56
A
PTOT
Total Dissipation at TC = 25°C
95
30
90
W
Derating Factor
0.64
0.28
0.64
W/°C
VISO
Insulation Withstand Voltage A.C.
--
2500
--
V
Tstg
Storage Temperature
– 55 to 150
150
°C
Tj
Max. Operating Junction Temperature
TO-220
D2PAK
TO-220FP
DPAK
Rthj-case
Thermal Resistance Junction-case Max
1.32
4.17
1.4
°C/W
Rthj-amb
Thermal Resistance Junction-ambient Max
62.5
100
°C/W
Rthc-h
Thermal Resistance Case-heatsink Typ
0.5
°C/W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VBR(CES)
Collector-Emitter Breakdown
Voltage
IC = 250 µA, VGE = 0
600
V
ICES
Collector cut-off
(VGE = 0)
VCE = Max Rating, TC = 25 °C
VCE = Max Rating, TC = 125 °C
50
500
µA
µA
IGES
Gate-Emitter Leakage
Current (VCE = 0)
VGE = ±20V , VCE = 0
±100
nA
VGE(th)
Gate Threshold Voltage
VCE = VGE, IC = 250µA
57
V
VCE(sat)
Collector-Emitter Saturation
Voltage
VGE = 15V, IC = 7 A
VGE = 15V, IC = 7 A, Tc =100°C
2.3
1.9
2.8
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com