Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1502AS Datasheet(PDF) 3 Page - Anachip Corp

Part # AP1502AS
Description  200KHZ, 2A PWM BUCK DC/DC CONVERTER & 1 LINEAR CTRL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1502AS Datasheet(HTML) 3 Page - Anachip Corp

  AP1502AS Datasheet HTML 1Page - Anachip Corp AP1502AS Datasheet HTML 2Page - Anachip Corp AP1502AS Datasheet HTML 3Page - Anachip Corp AP1502AS Datasheet HTML 4Page - Anachip Corp AP1502AS Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image

  
!"#$
  
     !!
'#$
!
   
 
 
 


1. 
&


34 
&$ &


A",8 
&$ &


  



  
& &


 
;.0

/
1 0
?&

/
 0
>&$ 

  
>6

!
    !   "## $ !%
      !
 
 
  




;
A",8",
E
&
&
#
A 
,*-,.
6&
&&
&
'()
 
 
; E #
,,
E&*,
?
>

+<..,245
E&*,
&&
<
<.,.,2AA5
E *,**
&
%
;
,0
8,
,,
E&*,
>
6

#
E&
,,
E *,**
&
#
;
E

8 
,
E6
&
0#
;
F,
E *,**

&
0#
&&
; 
1".F,

3424CAA5E
E6
6&
&
#

 2 45

&?

4CAA ,
(( 
( (2 AA5
&



;
3424CAA5 ,
,
E 2AA5


;
4CAA, E&245
&&

#
,,
02#& 5
&
0#
;
,
02#& #5
E EE&
>&
&
?&
0#

A",8 
>7GG6
&GG6
& #G;G #
 &
 
 


/(0,
H,,

C

/(0,
H,0"
I&
C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com