Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP7NB60KDFP Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGP7NB60KDFP
Description  N-CHANNEL 7A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH TM IGBT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP7NB60KDFP Datasheet(HTML) 3 Page - STMicroelectronics

  STGP7NB60KDFP Datasheet HTML 1Page - STMicroelectronics STGP7NB60KDFP Datasheet HTML 2Page - STMicroelectronics STGP7NB60KDFP Datasheet HTML 3Page - STMicroelectronics STGP7NB60KDFP Datasheet HTML 4Page - STMicroelectronics STGP7NB60KDFP Datasheet HTML 5Page - STMicroelectronics STGP7NB60KDFP Datasheet HTML 6Page - STMicroelectronics STGP7NB60KDFP Datasheet HTML 7Page - STMicroelectronics STGP7NB60KDFP Datasheet HTML 8Page - STMicroelectronics STGP7NB60KDFP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
STGP7NB60KD - STGP7NB60KDFP - STGB7NB60KD
ELECTRICAL CHARACTERISTICS (CONTINUED)
DYNAMIC
SWITCHING ON
SWITCHING OFF
(**) Losses include Also the Tail (Jedec Standardization)
COLLECTOR-EMITTER DIODE
Note: 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
2. Pulse width limited by max. junction temperature.
(**)Losses include Also the Tail (Jedec Standardization)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs
Forward Transconductance
VCE =15V , IC =7 A
3.7
S
Cies
Coes
Cres
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
VCE=25V,f=1 MHz, VGE= 0
495
77
13
pF
pF
pF
Qg
Qge
Qgc
Total Gate Charge
Gate-Emitter Charge
Gate-Collector Charge
VCE = 480V, IC =7A,
VGE =15V
32.7
5.9
18.3
45
nC
nC
nC
tscw
Short Circuit Withstand Time
Vce=0.5 VBR(CES),VGE=15 V
Tj= 125°C, RG=10 Ω
10
µs
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on Delay Time
VCC =480 V, IC =7A
RG =10Ω,VGE =15V
15
ns
tr
Rise Time
6
ns
(di/dt)on
Eon
Turn-on Current Slope
Turn-on Switching Losses
VCC=480 V, IC =7 A, RG=10Ω
VGE= 15 V,Tj = 125°C
980
95
A/µs
µJ
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tc
Cross-over Time
Vcc =480 V, IC =7A,
RGE =10 Ω ,VGE =15 V
105
ns
tr(Voff)
Off Voltage Rise Time
30
ns
td(off)
Delay Time
50
ns
tf
Fall Time
100
ns
Eoff(**)
Turn-off Switching Loss
140
µJ
Ets
Total Switching Loss
200
µJ
tc
Cross-over Time
Vcc =480 V, IC =7A,
RGE =10 Ω ,VGE =15 V
Tj = 125 °C
227
ns
tr(Voff)
Off Voltage Rise Time
68
ns
td(off)
Delay Time
52
ns
tf
Fall Time
150
ns
Eoff(**)
Turn-off Switching Loss
300
µJ
Ets
Total Switching Loss
395
µJ
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
If
Ifm
Forward Current
Forward Current pulsed
7
56
A
A
Vf
Forward On-Voltage
If =3.5 A
If =3.5 A, Tj =125 °C
1.4
1.2
1.9
V
V
trr
Qrr
Irrm
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
If =7 A,VR =35 V,
Tj =125°C, di/dt = 100 A/
µs
50
70
2.7
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com