Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP7NB60KFP Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGP7NB60KFP
Description  N-CHANNEL 7A - 600V - TO-220/FP/DPAK/D2PAK PowerMESH™ IGBT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP7NB60KFP Datasheet(HTML) 1 Page - STMicroelectronics

  STGP7NB60KFP Datasheet HTML 1Page - STMicroelectronics STGP7NB60KFP Datasheet HTML 2Page - STMicroelectronics STGP7NB60KFP Datasheet HTML 3Page - STMicroelectronics STGP7NB60KFP Datasheet HTML 4Page - STMicroelectronics STGP7NB60KFP Datasheet HTML 5Page - STMicroelectronics STGP7NB60KFP Datasheet HTML 6Page - STMicroelectronics STGP7NB60KFP Datasheet HTML 7Page - STMicroelectronics STGP7NB60KFP Datasheet HTML 8Page - STMicroelectronics STGP7NB60KFP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
June 2002
STGP7NB60K-STGP7NB60KFP-STGD7NB60K
STGP7NB60KD-STGP7NB60KDFP-STGB7NB60KD
N-CHANNEL 7A - 600V - TO-220/FP/DPAK/D2PAK
PowerMESH™ IGBT
s
HIGH INPUT IMPEDANCE (VOLTAGE DRIVEN)
s
LOW ON-VOLTAGE DROP (Vcesat)
s
LOW GATE CHARGE
s
HIGH CURRENT CAPABILITY
s
OFF LOSSES INCLUDE TAIL CURRENT
s
FREQUENCY OPERATION
s
SHORT CIRCUIT RATED
DESCRIPTION
Using the latest high voltage technology based on a
patented strip layout, STMicroelectronics has de-
signed an advanced family of IGBTs, the Power-
MESH™ IGBTs, with outstanding performances.
The suffix “K” identifies a family optimized for high
frequency motor control applications with short cir-
cuit withstand capability.
APPLICATIONS
s
HIGH FREQUENCY MOTOR CONTROLS
s
SMPS AND PFC IN BOTH HARD SWITCHING
AND RESONANT TOPOLOGIES
ORDERING INFORMATION
TYPE
VCES
VCE(sat)
(Typ) @125°C
IC
@125°C
STGP7NB60K
STGD7NB60K
STGP7NB60KFP
STGP7NB60KD
STGP7NB60KDFP
STGB7NB60KD
600 V
600 V
600 V
600 V
600 V
600 V
< 2 V
< 2 V
< 2 V
< 2 V
< 2 V
< 2 V
7 A
7 A
7 A
7 A
7 A
7 A
SALES TYPE
MARKING
PACKAGE
PACKAGING
STGP7NB60K
GP7NB60K
TO-220
TUBE
STGD7NB60KT4
GD7NB60K
DPAK
TAPE & REEL
STGP7NB60KFP
GP7NB60KFP
TO-220FP
TUBE
STGP7NB60KD
GP7NB60KD
TO-220
TUBE
STGP7NB60KDFP
GP7NB60KDFP
TO-220FP
TUBE
STGB7NB60KDT4
GB7NB60KD
D2PAK
TAPE & REEL
TO-220
1
2
3
1
3
1
2
3
1
3
TO-220FP
DPAK
D2PAK
INTERNAL SCHEMATIC DIAGRAM
Std. Version
“D” Version


Similar Part No. - STGP7NB60KFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP7NB60K STMICROELECTRONICS-STGP7NB60K Datasheet
341Kb / 15P
N-channel 600V - 7A - TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
26-Jan-2007
STGP7NB60K STMICROELECTRONICS-STGP7NB60K Datasheet
341Kb / 15P
N-channel 600V - 7A - TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
26-Jan-2007
STGP7NB60KD STMICROELECTRONICS-STGP7NB60KD Datasheet
330Kb / 12P
N-CHANNEL 7A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH TM IGBT
May-2004
STGP7NB60KDFP STMICROELECTRONICS-STGP7NB60KDFP Datasheet
330Kb / 12P
N-CHANNEL 7A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH TM IGBT
May-2004
STGP7NB60K STMICROELECTRONICS-STGP7NB60K_07 Datasheet
341Kb / 15P
N-channel 600V - 7A - TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
26-Jan-2007
More results

Similar Description - STGP7NB60KFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB7NB60HD STMICROELECTRONICS-STGB7NB60HD Datasheet
322Kb / 8P
N-CHANNEL 7A - 600V DPAK PowerMESH IGBT
Jun-1999
STGD7NB60H STMICROELECTRONICS-STGD7NB60H Datasheet
327Kb / 9P
N-CHANNEL 7A - 600V - DPAK PowerMESH™ IGBT
Jul-2000
STGP3NB60HD STMICROELECTRONICS-STGP3NB60HD Datasheet
104Kb / 9P
N-CHANNEL 3A - 600V TO-220/FP PowerMESH IGBT
Jun-1999
STGP7NB60H STMICROELECTRONICS-STGP7NB60H Datasheet
86Kb / 8P
N-CHANNEL 7A - 600V TO-220 PowerMESH IGBT
Jun-1999
STGP7NB60HD STMICROELECTRONICS-STGP7NB60HD Datasheet
103Kb / 9P
N-CHANNEL 7A - 600V TO-220/FP PowerMESH IGBT
Jun-1999
STGP3NB60F STMICROELECTRONICS-STGP3NB60F Datasheet
732Kb / 14P
N-CHANNEL 3A - 600V - TO-220/TO-220FP/DPAK/D2PAK PowerMESH™ IGBT
Jun-2003
STGP7NB60FD STMICROELECTRONICS-STGP7NB60FD Datasheet
505Kb / 11P
N-CHANNEL 7A - 600V TO-220 / D2PAK PowerMESH IGBT
Jun-2003
STGP7NB60F STMICROELECTRONICS-STGP7NB60F Datasheet
330Kb / 8P
N-CHANNEL 7A - 600V - T0-220 / DPAK PowerMESH IGBT
Jun-2003
STGD7NB60K STMICROELECTRONICS-STGD7NB60K_07 Datasheet
341Kb / 15P
N-channel 600V - 7A - TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
26-Jan-2007
STGP7NB60M STMICROELECTRONICS-STGP7NB60M Datasheet
529Kb / 11P
N-CHANNEL 7A - 600V TO-220 / DPAK PowerMESH™ IGBT
Jun-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com