Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL710 Datasheet(PDF) 13 Page - Texas Instruments

Part # IL710
Description  3.3-V/5-V HIGH-SPEED DIGITAL ISOLATORS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

IL710 Datasheet(HTML) 13 Page - Texas Instruments

Back Button IL710 Datasheet HTML 9Page - Texas Instruments IL710 Datasheet HTML 10Page - Texas Instruments IL710 Datasheet HTML 11Page - Texas Instruments IL710 Datasheet HTML 12Page - Texas Instruments IL710 Datasheet HTML 13Page - Texas Instruments IL710 Datasheet HTML 14Page - Texas Instruments IL710 Datasheet HTML 15Page - Texas Instruments IL710 Datasheet HTML 16Page - Texas Instruments IL710 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
IEC SAFETY LIMITING VALUES
0
75
50
25
100
125
150
175
200
0
50
100
150
200
CaseTemperature
C
o
−
V
,
=3.6V
CC1 VCC2
V
,V
=5.5V
CC1
CC2
ISO721M-EP
www.ti.com....................................................................................................................................................................................................... SLLS882 – JUNE 2008
Safety limiting intends to prevent potential damage to the isolation barrier upon failure of input or output circuitry.
A failure of the IO can allow low resistance to ground or the supply, and without current limiting, dissipate
sufficient power to overheat the die and damage the isolation barrier, potentially leading to secondary system
failures.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
θ
JA = 263°C/W, VI = 5.5 V, TJ = 170°C, TA = 25°C
100
IS
Safety input, output, or supply current
mA
θ
JA = 263°C/W, VI = 3.6 V, TJ = 170°C, TA = 25°C
153
TS
Maximum case temperature
150
°C
The safety-limiting constraint is the absolute maximum junction temperature specified in the absolute maximum
ratings table. The power dissipation and junction-to-air thermal impedance of the device installed in the
application hardware determines the junction temperature. The junction-to-air thermal resistance in the Thermal
Characteristics table is that of a device installed in the JESD51-3, Low Effective Thermal Conductivity Test Board
for Leaded Surface Mount Packages and is conservative. The power is the recommended maximum input
voltage times the current. The junction temperature is then the ambient temperature plus the power times the
junction-to-air thermal resistance.
THERMAL CHARACTERISTICS
(over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Low-K Thermal Resistance(1)
263
°C/W
θ
JA
Junction-to-Air
High-K Thermal Resistance(1)
125
°C/W
Junction-to-Board Thermal
θ
JB
44
°C/W
Resistance
Junction-to-Case Thermal
θ
JC
75
°C/W
Resistance
VCC1 = VCC2 = 5.5 V, TJ = 150°C,
ISO72x
CL = 15 pF, Input a 100 Mbps 50% duty
159
cycle square wave
PD
Device Power Dissipation
mW
VCC1 = VCC2 = 5.5 V, TJ = 150°C,
ISO72xM CL = 15 pF, Input a 150 Mbps 50% duty
195
cycle square wave
(1)
Tested in accordance with the Low-K or High-K thermal metric definition of EIA/JESD51-3 for leaded surface mount packages.
Figure 7.
θ
JC THERMAL DERATING CURVE per IEC 60747-5-2
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): ISO721M-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com