Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F400B Datasheet(PDF) 42 Page - Advanced Micro Devices

Part # AM29F400B
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F400B Datasheet(HTML) 42 Page - Advanced Micro Devices

Back Button AM29F400B Datasheet HTML 34Page - Advanced Micro Devices AM29F400B Datasheet HTML 35Page - Advanced Micro Devices AM29F400B Datasheet HTML 36Page - Advanced Micro Devices AM29F400B Datasheet HTML 37Page - Advanced Micro Devices AM29F400B Datasheet HTML 38Page - Advanced Micro Devices AM29F400B Datasheet HTML 39Page - Advanced Micro Devices AM29F400B Datasheet HTML 40Page - Advanced Micro Devices AM29F400B Datasheet HTML 41Page - Advanced Micro Devices AM29F400B Datasheet HTML 42Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 42 page
background image
Am29F400B
41
General Description
Third paragraph: Added 45 ns to access times.
Product Selector Guide
Added the -45 speed option for VCC = 5.0 V ± 5% and
the -55 speed option for VCC = 5.0 V ± 10%.
Ordering Information
Added “Special Designation” to “Optional Processing”
heading; added “0” for 55 ns 10% VCC, deleted burn-in.
Burn-in is available by contacting an AMD representative.
Added -55 ± 10% and -45 speed options to the list of
valid combinations. Added extended temperature
ratings to -55 ±5% valid combinations.
Table 1, Device Bus Operations
Changed the BYTE#=VIL input for DQ8–DQ15 during
temporary sector unprotect to “don’t care” (X).
Figure 6. Maximum Negative Undershoot
Waveform
Corrected figure title.
Table 7, Test Specifications
Test load capacitance: Removed 55 ns speed option
from and added -45 speed option to the 30 pF.
DC Characteristics
Removed VCC = VCC max test condition for ICC1 – ICC3.
VCC max is only valid for max specs.
AC Characteristics
Added the -45 speed option.
Revision C+4 (August 1998)
Ordering Information
Added extended temperature combinations to the -55,
±10% speed option.
Deleted the -60 speed option.
Revision D (January 1999)
Distinctive Characteristics
Added:
s 20-year data retention at 125
°C
— Reliable operation for the life of the system
DC Characteristics—TTL/NMOS Compatible
ICC1, ICC2, ICC3: Added Note 2 “Maximum ICC
specifications are tested with VCC = VCCmax”.
DC Characteristics—CMOS Compatible
ICC1, ICC2, ICC3: Added Note 2 “Maximum ICC
specifications are tested with VCC = VCCmax”.
Erase and Programming Performance
Deleted “(4.75 V for -45 and -55xx0)” from Note 2.
Revision D+1 (July 2, 1999)
Global
Added references to availability of device in Known
Good Die (KGD) form.
Revision E (November 15, 1999)
AC Characteristics—Figure 13. Program
Operations Timing and Figure 14. Chip/Sector
Erase Operations
Deleted tGHWL and changed OE# waveform to start at
high.
Physical Dimensions
Replaced figures with more detailed illustrations.
Revision E+1 (November 30, 2000)
Added table of contents. Reinserted revision summa-
ries for revisions A and B.
Trademarks
Copyright © 2000 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
ExpressFlash
™ is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com