Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVG14A Datasheet(PDF) 3 Page - SunLED Corporation

Part # DVG14A
Description  14.2mm (0.56) SINGLE DIGIT NUMERIC DISPLAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

DVG14A Datasheet(HTML) 3 Page - SunLED Corporation

  DVG14A Datasheet HTML 1Page - SunLED Corporation DVG14A Datasheet HTML 2Page - SunLED Corporation DVG14A Datasheet HTML 3Page - SunLED Corporation DVG14A Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Published Date : MAR 01, 2008
Drawing No : SDSA4524
V3
Checked : Shin Chi
P.3/4
Part Number:
DVG14A
14.2mm (0.56") SINGLE DIGIT NUMERIC DISPLAY
www.SunLED.com
Remarks:
If special sorting is required (e.g. binning based on forward voltage, luminous intensity / luminous flux, or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous Intensity / Luminous Flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com