Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMR22D Datasheet(PDF) 1 Page - SunLED Corporation

Part # EMR22D
Description  5mmx10mm LIGHT BAR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

EMR22D Datasheet(HTML) 1 Page - SunLED Corporation

  EMR22D Datasheet HTML 1Page - SunLED Corporation EMR22D Datasheet HTML 2Page - SunLED Corporation EMR22D Datasheet HTML 3Page - SunLED Corporation EMR22D Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Published Date : MAR 20,2008
Drawing No : SDSA3731
V3
Checked : B.L.LIU
P.1/4
5mmx10mm LIGHT BAR
Part Number:
EMR22D
www.SunLED.com
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice.
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
min.
typ.
EMR22D
Red
GaAlAs
Red Diffused
18
59
660
Viewing
Angle
2
θ 1/2
120°
Features
UNIFORM LIGHT EMITTING AREA.
EASILY MOUNTED ON P.C. BOARDS OR
INDUSTRY STANDARD SOCKETS.
FLUSH MOUNTABLE.
EXCELLENT ON/OFF CONTRAST.
CAN BE USED WITH PANELS AND LEGEND MOUNTS.
MECHANICALLY RUGGED.
I.C. COMPATIBLE.
BOTTOM SURFACE OF EPOXY IS NOT FLAT.
RoHS COMPLIANT.
MR
(GaAlAs)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
1.85
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak Emission
(Typ.)
(IF=20mA)
λ P
660
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=20mA)
λ D
640
nm
Spectral Line Full Width At
Half-Maximum (Typ.)
(IF=20mA)
Δλ
20
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
45
pF
Operating Characteristics
(TA=25°C)
Absolute Maximum Ratings
(TA=25°C)
MR
(GaAlAs)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
155
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3 Seconds
°C
Lead Solder Temperature
[5mm Below Package Base]
260°C For 5 Seconds


Similar Part No. - EMR22D

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMR212BD7106KG-T TAIYO-YUDEN-EMR212BD7106KG-T Datasheet
434Kb / 3P
Multilayer Ceramic Capacitors (High dielectric type) for Automotive Powertrain and Safety (Cu external electrode products)
22Z1A09
EMR212BD7106MG-T TAIYO-YUDEN-EMR212BD7106MG-T Datasheet
434Kb / 3P
Multilayer Ceramic Capacitors (High dielectric type) for Automotive Powertrain and Safety (Cu external electrode products)
22Z1A09
logo
SunLED Corporation
EMR21D SUNLED-EMR21D Datasheet
183Kb / 4P
3.65x6.15mm SINGLE CHIP LED LIGHT BAR
EMR23D SUNLED-EMR23D Datasheet
180Kb / 4P
5mmx16mm LIGHT BAR
EMR24D SUNLED-EMR24D Datasheet
172Kb / 4P
10mmx10mm LIGHT BAR
More results

Similar Description - EMR22D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A-1804X ETC-A-1804X Datasheet
80Kb / 1P
LIGHT BAR
B-4025 ETC1-B-4025 Datasheet
68Kb / 1P
LIGHT BAR
logo
Kingbright Corporation
WP835 KINGBRIGHT-WP835 Datasheet
409Kb / 6P
5mmx10mm LIGHT BAR
WP835-2IDT KINGBRIGHT-WP835-2IDT Datasheet
410Kb / 6P
5mmx10mm LIGHT BAR
WP835-2SRDT KINGBRIGHT-WP835-2SRDT Datasheet
409Kb / 6P
5mmx10mm LIGHT BAR
WP835-2YDT KINGBRIGHT-WP835-2YDT Datasheet
410Kb / 6P
5mmx10mm LIGHT BAR
logo
SunLED Corporation
EUR22D SUNLED-EUR22D Datasheet
177Kb / 4P
5mmx10mm LIGHT BAR
EMG22D SUNLED-EMG22D Datasheet
177Kb / 4P
5mmx10mm LIGHT BAR
EUY22D SUNLED-EUY22D Datasheet
176Kb / 4P
5mmx10mm LIGHT BAR
logo
List of Unclassifed Man...
B-2709X ETC-B-2709X Datasheet
40Kb / 1P
LIGHT BAR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com