Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUY26D Datasheet(PDF) 1 Page - SunLED Corporation

Part # EUY26D
Description  10mmx16mm LIGHT BAR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

EUY26D Datasheet(HTML) 1 Page - SunLED Corporation

  EUY26D Datasheet HTML 1Page - SunLED Corporation EUY26D Datasheet HTML 2Page - SunLED Corporation EUY26D Datasheet HTML 3Page - SunLED Corporation EUY26D Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Published Date : MAR.20.2008
Drawing No : SDSA3900
V3
Checked : B.L.LIU
P.1/4
Part Number:
EUY26D
10mmx16mm LIGHT BAR
www.SunLED.com
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=10mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
EUY26D
Yellow
GaAsP/GaP
Yellow Diffused
5
9
590
120°
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice.
Features
UNIFORM LIGHT EMITTING AREA.
EASILY MOUNTED ON P.C. BOARDS OR
INDUSTRY STANDARD SOCKETS.
FLUSH MOUNTABLE.
EXCELLENT ON/OFF CONTRAST.
CAN BE USED WITH PANELS AND LEGEND MOUNTS.
MECHANICALLY RUGGED.
I.C. COMPATIBLE.
BOTTOM SURFACE OF EPOXY IS NOT FLAT.
RoHS COMPLIANT.
Absolute Maximum Ratings
(TA=25°C)
UY
(GaAsP/GaP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
140
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3 Seconds
Lead Solder Temperature
[5mm Below Package Base]
260°C For 5 Seconds
UY
(GaAsP/GaP)
Unit
Forward Voltage (Typ.)
(IF=10mA)
VF
1.95
V
Forward Voltage (Max.)
(IF=10mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak
Emission (Typ.)
(IF=10mA)
λ P
590
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=10mA)
λ D
588
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=10mA)
Δλ
35
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
20
pF
Operating Characteristics
(TA=25°C)


Similar Part No. - EUY26D

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
EUY21D SUNLED-EUY21D Datasheet
185Kb / 4P
3.65x6.15mm SINGLE CHIP LED LIGHT BAR
EUY22D SUNLED-EUY22D Datasheet
176Kb / 4P
5mmx10mm LIGHT BAR
EUY23D SUNLED-EUY23D Datasheet
181Kb / 4P
5mmx16mm LIGHT BAR
EUY2400M SUNLED-EUY2400M Datasheet
183Kb / 4P
8.89mmx3.81mm LED LIGHT BAR
EUY2450M SUNLED-EUY2450M Datasheet
187Kb / 4P
19.05mm x 3.81mm LED LIGHT BAR
More results

Similar Description - EUY26D

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E2010 GILWAY-E2010 Datasheet
183Kb / 3P
Light Bar
logo
List of Unclassifed Man...
B-1020X ETC-B-1020X Datasheet
80Kb / 1P
LIGHT BAR
A-1804X ETC-A-1804X Datasheet
80Kb / 1P
LIGHT BAR
B-4025 ETC1-B-4025 Datasheet
68Kb / 1P
LIGHT BAR
logo
Kingbright Corporation
DE4GD KINGBRIGHT-DE4GD Datasheet
140Kb / 4P
15mmx15mm LIGHT BAR
DE4ID KINGBRIGHT-DE4ID Datasheet
141Kb / 4P
15mmx15mm LIGHT BAR
logo
SunLED Corporation
EUR26D SUNLED-EUR26D Datasheet
173Kb / 4P
10mmx16mm LIGHT BAR
EMG26D SUNLED-EMG26D Datasheet
174Kb / 4P
10mmx16mm LIGHT BAR
logo
Lucky Light Electronic
KWL-2727UX LUCKY-LIGHT-KWL-2727UX Datasheet
43Kb / 1P
Light Bar Display
logo
List of Unclassifed Man...
B-2709X ETC-B-2709X Datasheet
40Kb / 1P
LIGHT BAR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com