Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT30 Datasheet(PDF) 4 Page - STMicroelectronics

Part # BAT30
Description  Small signal Schotky diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT30 Datasheet(HTML) 4 Page - STMicroelectronics

  BAT30_06 Datasheet HTML 1Page - STMicroelectronics BAT30_06 Datasheet HTML 2Page - STMicroelectronics BAT30_06 Datasheet HTML 3Page - STMicroelectronics BAT30_06 Datasheet HTML 4Page - STMicroelectronics BAT30_06 Datasheet HTML 5Page - STMicroelectronics BAT30_06 Datasheet HTML 6Page - STMicroelectronics BAT30_06 Datasheet HTML 7Page - STMicroelectronics BAT30_06 Datasheet HTML 8Page - STMicroelectronics BAT30_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Characteristics
BAT30 Series
4/12
Figure 5.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (SOT-666)
Figure 6.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (SOD-523)
Figure 7.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (SOD-323)
Figure 8.
Leakage current versus reverse
applied voltage (typical values)
1.E-02
1.E-01
1.E+00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Single pulse
SOT-666
Epoxy FR4
e
CU=35 µm
(s)
tP
Z
th(j-a)/Rth(j-a)
1.E-03
1.E-02
1.E-01
1.E+00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Single pulse
SOD-523
Epoxy FR4
e
CU=35 µm
Z
th(j-a)/Rth(j-a)
(s)
tP
200
300
400
500
600
0
5
10
15
20
25
30
35
40
45
50
R
th(j-a)(°C/W)
Epoxy FR4
e
CU=35 µm
SCU(mm²)
1.E-07
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
0
5
10
15
20
25
30
I
R (A)
T
j=150°C
T
j=25°C
T
j=85°C
T
j=125°C
VR (V)
Figure 9.
Relative variation of reverse
leakage current versus junction
temperature (typical values)
Figure 10.
Junction capacitance versus
reverse applied voltage (typical
values)
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
-40
-20
0
20
40
60
80
100
120
140
160
I
R[Tj]/ IR[Tj=25°C]
V
R=30 V
Tj(°C)
1
10
100
1
10
100
C(pF)
F=1 MHz
V
OSC=30 mVRMS
T
j=25 °C
VR(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com