Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6210 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6210
Description  Dual Schottky diode bridge
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6210 Datasheet(HTML) 4 Page - STMicroelectronics

  L6210_08 Datasheet HTML 1Page - STMicroelectronics L6210_08 Datasheet HTML 2Page - STMicroelectronics L6210_08 Datasheet HTML 3Page - STMicroelectronics L6210_08 Datasheet HTML 4Page - STMicroelectronics L6210_08 Datasheet HTML 5Page - STMicroelectronics L6210_08 Datasheet HTML 6Page - STMicroelectronics L6210_08 Datasheet HTML 7Page - STMicroelectronics L6210_08 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Electrical specifications
L6210
4/8
2
Electrical specifications
2.1
Absolute maximum ratings
2.2
Thermal data
2.3
Electrical characteristics
Note:
At forward currents of greater than 1 A, a parasitic current of approximately 10 mA may be
collected by adiacent diodes.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
IF
Repetitive Forward Current Peak
2
A
VR
Peak Reverse Voltage (per diode)
50
V
TAMB
Operating Ambient Temperature
70
°C
TSTG
Storage Temperature Range
–55 to +150
°C
Table 3.
Thermal data
Symbol
Parameter
Min.
Typ.
Max.
Unit
RTH J-CASE
Thermal Impedance Junction-case
14
°C/W
RTH J-AMB
Thermal Impedance Junction-ambient without
External Heatsink
65
°C/W
Table 4.
Electrical characteristics
(TJ = 25°C unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VF
Forward Voltage Drop
IF = 100 mA
0.65
0.8
V
IF = 500 mA
0.8
1
V
IF = 1 A
1
1.2
V
IL
Leakage Current
VR = 40 V, TAMB = 25 °C
1
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com