Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT48 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BAT48
Description  Small signal Schottky diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT48 Datasheet(HTML) 2 Page - STMicroelectronics

  BAT48 Datasheet HTML 1Page - STMicroelectronics BAT48 Datasheet HTML 2Page - STMicroelectronics BAT48 Datasheet HTML 3Page - STMicroelectronics BAT48 Datasheet HTML 4Page - STMicroelectronics BAT48 Datasheet HTML 5Page - STMicroelectronics BAT48 Datasheet HTML 6Page - STMicroelectronics BAT48 Datasheet HTML 7Page - STMicroelectronics BAT48 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
BAT48 Series
2/8
1
Characteristics
Table 2.
Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient(1)
SOD-123
500
°C/W
SOD-323
550
1.
Epoxy printed circuit board with recommended pad layout
Table 3.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
VBR
Breakdown reverse voltage
Tj = 25° C
Ir = 25 µA
40
V
IR
(1)
Reverse leakage current
Tj = 25° C
VR = 1.5 V
1
µA
VR = 10 V
2
VR = 20 V
5
VR = 40 V
25
Tj = 60° C
VR = 1.5 V
10
VR = 10 V
15
VR = 20 V
25
VR = 40 V
50
VF
(2)
Forward voltage drop
Tj = 25° C
IF = 0.1 mA
0.25
V
IF = 1 mA
0.3
IF = 10 mA
0.4
IF = 50 mA
0.5
IF = 200 mA
0.75
IF = 500 mA
0.9
1.
Pulse test: tp = 5 ms, δ < 2 %
2.
Pulse test: tp = 380 µs, δ < 2 %
Table 4.
Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
C
Diode capacitance
VR = 0 V, F = 1 MHz
30
pF
VR = 1 V, F = 1 MHz
18



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com