Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6374FPT Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6374FPT
Description  Industrial quad line driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6374FPT Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6374FPT Datasheet HTML 11Page - STMicroelectronics L6374FPT Datasheet HTML 12Page - STMicroelectronics L6374FPT Datasheet HTML 13Page - STMicroelectronics L6374FPT Datasheet HTML 14Page - STMicroelectronics L6374FPT Datasheet HTML 15Page - STMicroelectronics L6374FPT Datasheet HTML 16Page - STMicroelectronics L6374FPT Datasheet HTML 17Page - STMicroelectronics L6374FPT Datasheet HTML 18Page - STMicroelectronics L6374FPT Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
L6374
Application note
15/19
12
Application note
It is recommended not to leave the Ref pin (pin 11) floating: if not used with an external
voltage reference, it is better to connect an external capacitor (of at least 10 nF) between
this pin and ground.
This capacitor filters the voltage reference against voltage spikes that can be generated by
the commutation of the output stages.
This is very common using capacitive loads: in fact, the initial transient of such loads
behaves like a short circuit, so the current flowing through the outputs presents very high
spikes.
Moreover, if the device is used as a line receiver. (i.e. the input signals can go below ground)
it is required not to leave the Ref pin (pin 11) floating: in this case, the pin can be connected
to ground or to a fixed external voltage reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com