Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6375S Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6375S
Description  0.5A high-side driver industrial intelligent power switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6375S Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6375S Datasheet HTML 9Page - STMicroelectronics L6375S Datasheet HTML 10Page - STMicroelectronics L6375S Datasheet HTML 11Page - STMicroelectronics L6375S Datasheet HTML 12Page - STMicroelectronics L6375S Datasheet HTML 13Page - STMicroelectronics L6375S Datasheet HTML 14Page - STMicroelectronics L6375S Datasheet HTML 15Page - STMicroelectronics L6375S Datasheet HTML 16Page - STMicroelectronics L6375S Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Package mechanical data
L6375S
14/17
Table 7.
SO-8 mechanical data
Figure 9.
Package dimensions
Dim.
mm
inch
Min
Typ
Max
Min
Typ
Max
A
1.75
0.068
a1
0.1
0.25
0.003
0.009
a2
1.65
0.064
a3
0.65
0.85
0.025
0.033
b
0.35
0.48
0.013
0.018
b1
0.19
0.25
0.007
0.010
C
0.25
0.5
0.010
0.019
c1
45 ( typ. )
D
4.8
5.0
0.188
0.196
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
3.81
0.150
F
3.8
4.0
0.14
0.157
L
0.4
1.27
0.015
0.050
M
0.6
0.023
S
8º (max.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com