Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6390 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6390
Description  High-voltage high and low side driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6390 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6390 Datasheet HTML 8Page - STMicroelectronics L6390 Datasheet HTML 9Page - STMicroelectronics L6390 Datasheet HTML 10Page - STMicroelectronics L6390 Datasheet HTML 11Page - STMicroelectronics L6390 Datasheet HTML 12Page - STMicroelectronics L6390 Datasheet HTML 13Page - STMicroelectronics L6390 Datasheet HTML 14Page - STMicroelectronics L6390 Datasheet HTML 15Page - STMicroelectronics L6390 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Electrical characteristics
L6390
12/22
Table 9.
OPAMP characteristics (VCC = 15 V, TJ = +25 °C)
Symbol
Pin
Parameter
Test condition
Min
Typ
Max
Unit
Iib
6, 9
Input bias current (1)
100
200
nA
Vicm
Input common mode voltage
range
0V
VOL
7
Low level output voltage
Vid = ± 1 V, RL = 10 kΩ to
VCC
75
mV
VOH
High level output voltage
Vid = ± 1 V, RL = 10 kΩ to
GND
14.7
V
Io
Output short circuit current
Source,
Vid = ± 1; Vo = 0 V
16
30
mA
Sink,
Vid = ± 1; Vo = VCC
50
80
mA
SR
Slew rate
Vi = 1
÷ 4 V; R
L = 2 kΩ;
CL = 100 pF; unity gain
2.5
3.8
V/
µs
GBWP
Gain bandwidth product
Vo = 7.5 V; RL = 2 kΩ
12
MHz
Avd
Large signal voltage gain
75
85
dB
SVR
Supply voltage rejection ratio
60
70
dB
CMRR
Common mode rejection
ratio
70
dB
1.
The direction of input current is out of the IC.
Table 10.
Sense comparator characteristics (VCC = 15 V, TJ = +25 °C)
Symbol
Pin
Parameter
Test conditions
Min
Typ
Max
Unit
Iio
10
Input bias current
VCP+ = 1 V
1
µA
Vol
2
Open drain low level output
voltage
Iod = - 3 mA
0.5
V
td_comp
Comparator delay
SD/OD pulled to 5 V
through 100 k
Ω resistor
90
130
ns
SR
2
Slew rate
CL = 180 pF; Rpu = 5 kΩ
60
V/
µsec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com