Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6390D Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6390D
Description  High-voltage high and low side driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6390D Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6390D Datasheet HTML 7Page - STMicroelectronics L6390D Datasheet HTML 8Page - STMicroelectronics L6390D Datasheet HTML 9Page - STMicroelectronics L6390D Datasheet HTML 10Page - STMicroelectronics L6390D Datasheet HTML 11Page - STMicroelectronics L6390D Datasheet HTML 12Page - STMicroelectronics L6390D Datasheet HTML 13Page - STMicroelectronics L6390D Datasheet HTML 14Page - STMicroelectronics L6390D Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
L6390
Electrical characteristics
11/22
Logic inputs
Vil
1, 2, 3
Low logic level voltage
0.8
V
Vih
High logic level voltage
2.25
V
IHINh
3
HIN logic “1” input bias
current
HIN = 15 V
175
260
µA
IHINl
HIN logic “0” input bias
current
HIN = 0 V
1
µA
ILINl
1
LIN logic “0” input bias
current
LIN = 0 V
6
20
µA
ILINh
LIN logic “1” input bias
current
LIN = 15 V
1
µA
ISDh
2
SD logic “1” input bias
current
SD = 15 V
40
100
µA
ISDl
SD logic “0” input bias
current
SD = 0 V
1
µA
1.
VBO = Vboot - Vout
2.
RDSON is tested in the following way:
RDSON = [(VCC - VCBOOT1) - (VCC - VCBOOT2)] / [I1(VCC,VCBOOT1) - I2(VCC,VCBOOT2)]
where I1 is pin 16 current when VCBOOT = VCBOOT1, I2 when VCBOOT = VCBOOT2.
Table 8.
DC operation electrical characteristics (VCC = 15 V; TJ = + 25 °C) (continued)
Symbol
Pin
Parameter
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com