Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT46FILM Datasheet(PDF) 1 Page - STMicroelectronics

Part # BAT46FILM
Description  Small signal Schottky diodes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT46FILM Datasheet(HTML) 1 Page - STMicroelectronics

  BAT46FILM Datasheet HTML 1Page - STMicroelectronics BAT46FILM Datasheet HTML 2Page - STMicroelectronics BAT46FILM Datasheet HTML 3Page - STMicroelectronics BAT46FILM Datasheet HTML 4Page - STMicroelectronics BAT46FILM Datasheet HTML 5Page - STMicroelectronics BAT46FILM Datasheet HTML 6Page - STMicroelectronics BAT46FILM Datasheet HTML 7Page - STMicroelectronics BAT46FILM Datasheet HTML 8Page - STMicroelectronics BAT46FILM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
July 2006
Rev 4
1/11
BAT46 Series
Small signal Schottky diodes
Main product characteristics
Features and benefits
■ Very small conduction losses
■ Negligible switching losses
■ Low forward voltage drop
■ Surface mount device
Description
Diodes in the BAT46 series are high voltage,
small signal Schottky diodes suited for protection
and routing operations.
Order codes
IF
150 mA
VRRM
100 V
C (typ)
6 pF
Tj (max)
150° C
Part Number
Marking
BAT46ZFILM
Z46
BAT46FILM
S46
BAT46AFILM
A46
BAT46CFILM
C46
BAT46SFILM
B46
BAT46WFILM
D46
BAT46AWFILM
DB6
BAT46CWFILM
DB8
BAT46SWFILM
B46
BAT46JFILM
46
SOD-123
SOD-323
BAT46ZFILM
(Single)
BAT46JFILM
(Single)
BAT46WFILM
(Single)
BAT46CWFILM
(Common cathode)
BAT46AWFILM
(Common anode)
BAT46SWFILM
(Series)
SOT-323
Configurations in top view
SOT-23
BAT46FILM
(Single)
BAT46SFILM
(Series)
BAT46CFILM
(Common cathode)
BAT46AFILM
(Common anode)
www.st.com


Similar Part No. - BAT46FILM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
logo
General Semiconductor
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
logo
Galaxy Semi-Conductor H...
BAT46 BILIN-BAT46 Datasheet
84Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
GOOD-ARK Electronics
BAT46 GOOD-ARK-BAT46 Datasheet
104Kb / 2P
Small-Signal Diode
More results

Similar Description - BAT46FILM

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
SD103A MCC-SD103A Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAT42W-V VISHAY-BAT42W-V_10 Datasheet
63Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
SD101AW-V VISHAY-SD101AW-V_10 Datasheet
61Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
logo
Comchip Technology
CDBH3-00340-G COMCHIP-CDBH3-00340-G Datasheet
67Kb / 2P
Small Signal Schottky Diodes
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
Small Signal Schottky Diodes
logo
STMicroelectronics
TMMBAT48FILM STMICROELECTRONICS-TMMBAT48FILM Datasheet
67Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com