Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9222 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9222
Description  QUAD INVERTING TRANSISTOR SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9222 Datasheet(HTML) 1 Page - STMicroelectronics

  L9222 Datasheet HTML 1Page - STMicroelectronics L9222 Datasheet HTML 2Page - STMicroelectronics L9222 Datasheet HTML 3Page - STMicroelectronics L9222 Datasheet HTML 4Page - STMicroelectronics L9222 Datasheet HTML 5Page - STMicroelectronics L9222 Datasheet HTML 6Page - STMicroelectronics L9222 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
L9222
May 2004
1
FEATURES
■
OUTPUT VOLTAGE TO 50V
■
OUTPUT CURRENT TO 1.2A
■
VERY LOW SATURATION VOLTAGE
■
TTL COMPATIBLE INPUTS
■
INTEGRAL SUPPRESSION DIODE
2
DESCRIPTION
The L9222 monolithic quad transistor switch is de-
signed for high current, high voltage switching ap-
plications.
Each of the four switches is controlled by a logic
input and all four are controlled by a common en-
able input. All inputs are TTL-compatible for direct
connection to logic circuits. Each switch consists
of an open-collector transistor plus a clamp diode
for applications with inductive loads.
The emitters of the four switches are connected to-
gether to GND. The switches of the same device
may be paralled. The device is intended to drive
coils such as relays, solenoids, unipolar stepper
motors, LED etc.
QUAD INVERTING TRANSISTOR SWITCH
Figure 2. BLOCK DIAGRAM
REV. 3
Figure 1. Packages
Table 1. Order Codes
Part Number
Package
L9222
(PDIP12+2+2)
L9222 D
(SO20L)
Powerdip (12+2+2)
SO20L


Similar Part No. - L9222

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9222 STMICROELECTRONICS-L9222 Datasheet
91Kb / 5P
QUAD INVERTING TRANSISTOR SWITCH
Oct-1990
More results

Similar Description - L9222

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10159 ONSEMI-MC10159 Datasheet
109Kb / 4P
Quad 2-Input Multiplexer(Inverting)
1996 REV 5
logo
NXP Semiconductors
74F242 PHILIPS-74F242 Datasheet
84Kb / 10P
Quad transceiver, inverting 3-State
1990 Aug 31
74HC158 PHILIPS-74HC158 Datasheet
44Kb / 7P
Quad 2-input multiplexer; inverting
December 1990
logo
STMicroelectronics
L9222 STMICROELECTRONICS-L9222 Datasheet
91Kb / 5P
QUAD INVERTING TRANSISTOR SWITCH
Oct-1990
logo
Intersil Corporation
CA3262A INTERSIL-CA3262A Datasheet
72Kb / 9P
Quad-Gated, Inverting Power Drivers
August 1997
logo
List of Unclassifed Man...
LX509 ETC-LX509 Datasheet
85Kb / 4P
Low Current Quad Inverting Amplifiers
logo
National Semiconductor ...
MM74HC242 NSC-MM74HC242 Datasheet
134Kb / 6P
Inverting Quad TRI-STATE Transceiver
logo
ON Semiconductor
MC10159 ONSEMI-MC10159_02 Datasheet
89Kb / 4P
Quad 2-Input Multiplexer (Inverting)
January, 2002 ??Rev. 7
logo
Toshiba Semiconductor
TC74HC157AP TOSHIBA-TC74HC157AP_07 Datasheet
288Kb / 9P
Quad 2-Channel Multiplexer (inverting)
logo
NXP Semiconductors
74HC158 PHILIPS-74HC158_15 Datasheet
90Kb / 16P
Quad 2-input multiplexer; inverting
Rev. 03-12 November 2004
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com