Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF151N Datasheet(PDF) 3 Page - STMicroelectronics

Part # LF151N
Description  Wide bandwidth single JFET operational amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF151N Datasheet(HTML) 3 Page - STMicroelectronics

  LF151N Datasheet HTML 1Page - STMicroelectronics LF151N Datasheet HTML 2Page - STMicroelectronics LF151N Datasheet HTML 3Page - STMicroelectronics LF151N Datasheet HTML 4Page - STMicroelectronics LF151N Datasheet HTML 5Page - STMicroelectronics LF151N Datasheet HTML 6Page - STMicroelectronics LF151N Datasheet HTML 7Page - STMicroelectronics LF151N Datasheet HTML 8Page - STMicroelectronics LF151N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LF351
Absolute maximum ratings and operating conditions
3/14
2
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1)
±18
V
Vi
Input voltage(2)
±15
V
Vid
Differential input voltage(3)
±30
V
Rthja
Thermal resistance junction to ambient(4)
SO-8
DIP8
125
85
°C/W
Rthjc
Thermal resistance junction to case(4)
SO-8
DIP8
40
41
°C/W
Output short-circuit duration(5)
Infinite
Tstg
Storage temperature range
-65 to +150
°C
ESD
HBM: human body model(6)
500
V
MM: machine model(7)
200
V
CDM: charged device model(8)
1.5
kV
1.
All voltage values, except differential voltage, are with respect to the zero reference level (ground) of the supply voltages
where the zero reference level is the midpoint between VCC
+ and V
CC
-.
2.
The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 volts, whichever is less.
3.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
4.
Short-circuits can cause excessive heating and destructive dissipation. Values are typical.
5.
The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be limited to ensure
that the dissipation rating is not exceeded
6.
Human body model: A 100 pF capacitor is charged to the specified voltage, then discharged through a 1.5 k
Ω resistor
between two pins of the device. This is done for all couples of connected pin combinations while the other pins are floating.
7.
Machine model: A 200 pF capacitor is charged to the specified voltage, then discharged directly between two pins of the
device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of connected pin combinations
while the other pins are floating.
8.
Charged device model: all pins and the package are charged together to the specified voltage and then discharged directly
to the ground through only one pin. This is done for all pins.
Table 2.
Operating conditions
Symbol
Parameter
LF151
LF251
LF351
Unit
VCC
Supply voltage
6 to 32
V
Toper
Operating free-air temperature range
-55 to +125
-40 to +105
0 to +70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com