Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF251N Datasheet(PDF) 4 Page - STMicroelectronics

Part # LF251N
Description  Wide bandwidth single JFET operational amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF251N Datasheet(HTML) 4 Page - STMicroelectronics

  LF251N Datasheet HTML 1Page - STMicroelectronics LF251N Datasheet HTML 2Page - STMicroelectronics LF251N Datasheet HTML 3Page - STMicroelectronics LF251N Datasheet HTML 4Page - STMicroelectronics LF251N Datasheet HTML 5Page - STMicroelectronics LF251N Datasheet HTML 6Page - STMicroelectronics LF251N Datasheet HTML 7Page - STMicroelectronics LF251N Datasheet HTML 8Page - STMicroelectronics LF251N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
LF351
4/14
3
Electrical characteristics
Table 3.
Electrical characteristics at VCC = ±15 V, Tamb = +25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max.
Unit
Vio
Input offset voltage (Rs = 10kΩ)
Tmin ≤ Tamb ≤ Tmax
310
13
mV
DVio
Input offset voltage drift
10
µV/°C
Iio
Input offset current (1)
Tmin ≤ Tamb ≤ Tmax
5
100
4
pA
nA
Iib
Input bias current (1)
Tmin ≤ Tamb ≤ Tmax
20
200
20
pA
nA
Avd
Large signal voltage gain
(RL = 2kΩ, Vo = ±10V)
Tmin ≤ Tamb ≤ Tmax
50
25
200
V/mV
SVR
Supply voltage rejection ratio (RS = 10kΩ)
Tmin ≤ Tamb ≤ Tmax
80
80
86
dB
ICC
Supply current, no load
Tmin ≤ Tamb ≤ Tmax
1.4
3.4
3.4
mA
Vicm
Input common mode voltage range
±11
+15
-12
V
CMR
Common mode rejection ratio (RS = 10kΩ)
Tmin ≤ Tamb ≤ Tmax
70
70
86
dB
IOS
Output short-circuit current
Tmin ≤ Tamb ≤ Tmax
10
10
40
60
60
mA
±Vopp
Output voltage swing
RL = 2kΩ
RL = 10kΩ
Tmin ≤ Tamb ≤ Tmax
RL = 2kΩ
RL = 10kΩ
10
12
10
12
12
13.5
V
SR
Slew rate, Vi = 10V, RL = 2kΩ, CL = 100pF, unity gain
12
16
V/µs
tr
Rise time, Vi = 20mV, RL = 2kΩ, CL = 100pF, unity gain
0.1
µs
Kov
Overshoot, Vi = 20mV, RL = 2kΩ, CL = 100pF, unity gain
10
%
GBP
Gain bandwidth product, f = 100kHz, Vin = 10mV, RL = 2kΩ, CL = 100pF
2.5
4
MHz
Ri
Input resistance
1012
Ω
THD
Total harmonic distortion
f= 1kHz, Av= 20dB, RL= 2kΩ, CL=100pF, Vo=2Vpp
0.01
%
en
Equivalent input noise voltage
RS = 100Ω, f = 1KHz
15
∅m
Phase margin
45
Degrees
1.
The input bias currents are junction leakage currents which approximately double for every 10°C increase in the junction
temperature.
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com