Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2904 Datasheet(PDF) 20 Page - STMicroelectronics

Part # LM2904
Description  Low power dual operational amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2904 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LM2904_08 Datasheet HTML 14Page - STMicroelectronics LM2904_08 Datasheet HTML 15Page - STMicroelectronics LM2904_08 Datasheet HTML 16Page - STMicroelectronics LM2904_08 Datasheet HTML 17Page - STMicroelectronics LM2904_08 Datasheet HTML 18Page - STMicroelectronics LM2904_08 Datasheet HTML 19Page - STMicroelectronics LM2904_08 Datasheet HTML 20Page - STMicroelectronics LM2904_08 Datasheet HTML 21Page - STMicroelectronics LM2904_08 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Ordering information
LM2904
20/22
6
Ordering information
Table 8.
Order codes
Order code
Temperature range
Package
Packing
Marking
LM2904N
-40°C to +125°C
DIP8
Tube
LM2904N
LM2904D/DT
SO-8
Tube or
tape & reel
2904
LM2904PT
TSSOP8
(Thin shrink outline package)
Tape & reel
LM2904ST
MiniSO-8
Tape & reel
K403
LM2904YD(1)
LM2904YDT(1)
SO-8
(Automotive grade level)
Tube or
tape & reel
2904Y
LM2904YPT(2)
TSSOP8
(Automotive grade level)
Tape & reel
LM2904YST(2)
MiniSO-8
(Automotive grade level)
Tape & reel
K409
1.
Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001
& Q 002 or equivalent.
2.
Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC
Q001 & Q 002 or equivalent are on-going.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com