Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF351N Datasheet(PDF) 13 Page - STMicroelectronics

Part # LF351N
Description  Wide bandwidth single JFET operational amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF351N Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LF351N Datasheet HTML 6Page - STMicroelectronics LF351N Datasheet HTML 7Page - STMicroelectronics LF351N Datasheet HTML 8Page - STMicroelectronics LF351N Datasheet HTML 9Page - STMicroelectronics LF351N Datasheet HTML 10Page - STMicroelectronics LF351N Datasheet HTML 11Page - STMicroelectronics LF351N Datasheet HTML 12Page - STMicroelectronics LF351N Datasheet HTML 13Page - STMicroelectronics LF351N Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
LF351
Ordering information
13/14
7
Ordering information
8
Revision history
Table 6.
Order codes
Order code
Temperature
range
Package
Packing
Marking
LF151N
-55°C, +125°C
DIP8
Tape
LF151N
LF151D
LF151DT
SO-8
Tape or
Tape & reel
151
LF251N
-40°C, +105°C
DIP8
Tape
LF251N
LF251D
LF251DT
SO-8
Tape or
Tape & reel
251
LF351N
0°C, +70°C
DIP8
Tape
LF351N
LF351D
LF351DT
SO-8
Tape or
Tape & reel
351
Table 7.
Document revision history
Date
Revision
Changes
17-May-2001
1
Initial release.
28-April-2008
2
Updated document format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com