Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM158WD Datasheet(PDF) 3 Page - STMicroelectronics

Part # LM158WD
Description  Low power dual operational amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM158WD Datasheet(HTML) 3 Page - STMicroelectronics

  LM158WD Datasheet HTML 1Page - STMicroelectronics LM158WD Datasheet HTML 2Page - STMicroelectronics LM158WD Datasheet HTML 3Page - STMicroelectronics LM158WD Datasheet HTML 4Page - STMicroelectronics LM158WD Datasheet HTML 5Page - STMicroelectronics LM158WD Datasheet HTML 6Page - STMicroelectronics LM158WD Datasheet HTML 7Page - STMicroelectronics LM158WD Datasheet HTML 8Page - STMicroelectronics LM158WD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LM158W-LM258W-LM358W
Absolute maximum ratings and operating conditions
3/18
2
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
LM158W/AW LM258W/AW LM358W/AW
Unit
VCC
+
Supply voltage
+32
V
Vin
Input voltage
-0.3 to VCC
+ +0.3
V
Vid
Differential input voltage
-0.3 to VCC
+ +0.3
V
Output short-circuit duration (1)
Infinite
Iin
Input current (2)
50
mA
Toper
Operating free-air temperature range
-55 to +125
-40 to +105
0 to +70
°C
Tstg
Storage temperature range
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction to ambient(3)
SO-8
MiniSO-8
TSSOP8
DIP-8
125
190
120
85
°C/W
Rthjc
Thermal resistance junction to case(3)
SO-8
MiniSO-8
TSSOP8
DIP-8
40
39
37
41
°C/W
ESD
HBM: human body model(4)
1.5
kV
MM: machine model(5)
200
V
CDM: charged device model(6)
1.5
kV
1.
Short-circuits from the output to VCC can cause excessive heating if VCC > 15V. The maximum output current is
approximately 40 mA independent of the magnitude of VCC. Destructive dissipation can result from simultaneous short-
circuits on all amplifiers.
2.
This input current only exists when the voltage at any of the input leads is driven negative. It is due to the collector-base
junction of the input PNP transistor becoming forward biased and thereby acting as input diode clamps. In addition to this
diode action, there is also NPN parasitic action on the IC chip. This transistor action can cause the output voltages of the
Op-amps to go to the VCC voltage level (or to ground for a large overdrive) for the time during which an input is driven
negative. This is not destructive and normal output will be restored for input voltage higher than -0.3 V.
3.
Short-circuits can cause excessive heating and destructive dissipation. Rth are typical values.
4.
Human body model: 100 pF discharged through a 1.5 k
Ω resistor between two pins of the device, done for all couples of pin
combinations with other pins floating.
5.
Machine model: a 200 pF cap is charged to the specified voltage, then discharged directly between two pins of the device
with no external series resistor (internal resistor < 5
Ω), done for all couples of pin combinations with other pins floating.
6.
Charged device model: all pins plus package are charged together to the specified voltage and then discharged directly to
the ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com