Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST85W Datasheet(PDF) 25 Page - STMicroelectronics

Part # M41ST85W
Description  3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85W Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M41ST85W_07 Datasheet HTML 21Page - STMicroelectronics M41ST85W_07 Datasheet HTML 22Page - STMicroelectronics M41ST85W_07 Datasheet HTML 23Page - STMicroelectronics M41ST85W_07 Datasheet HTML 24Page - STMicroelectronics M41ST85W_07 Datasheet HTML 25Page - STMicroelectronics M41ST85W_07 Datasheet HTML 26Page - STMicroelectronics M41ST85W_07 Datasheet HTML 27Page - STMicroelectronics M41ST85W_07 Datasheet HTML 28Page - STMicroelectronics M41ST85W_07 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
M41ST85W
Clock operation
25/41
IRQ/FT/OUT pin. This will also disable the watchdog function until it is again programmed
correctly. A READ of the Flags Register will reset the Watchdog Flag (Bit D7; Register 0Fh).
The watchdog function is automatically disabled upon power-up and the Watchdog Register
is cleared. If the watchdog function is set to output to the IRQ/FT/OUT pin and the frequency
test function is activated, the watchdog function prevails and the frequency test function is
denied.
3.6
Square wave output
The M41ST85W offers the user a programmable square wave function which is output on
the SQW pin. RS3-RS0 bits located in 13h establish the square wave output frequency.
These frequencies are listed in Table 4. Once the selection of the SQW frequency has been
completed, the SQW pin can be turned on and off under software control with the Square
Wave Enable Bit (SQWE) located in Register 0Ah.
Table 4.
Square wave output frequency
3.7
Power-on reset
The M41ST85W continuously monitors VCC. When VCC falls to the power fail detect trip
point, the RST pulls low (open drain) and remains low on power-up for trec after VCC passes
VPFD(max). The RST pin is an open drain output and an appropriate pull-up resistor should
be chosen to control rise time.
Square wave bits
Square wave
RS3
RS2
RS1
RS0
Frequency
Units
0000
None
0001
32.768
kHz
0010
8.192
kHz
0011
4.096
kHz
0100
2.048
kHz
0101
1.024
kHz
0110
512
Hz
0111
256
Hz
1000
128
Hz
1001
64
Hz
1010
32
Hz
1011
16
Hz
11008
Hz
11014
Hz
11102
Hz
11111
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com