Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST85WMH6TR Datasheet(PDF) 28 Page - STMicroelectronics

Part # M41ST85WMH6TR
Description  3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85WMH6TR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M41ST85WMH6TR Datasheet HTML 24Page - STMicroelectronics M41ST85WMH6TR Datasheet HTML 25Page - STMicroelectronics M41ST85WMH6TR Datasheet HTML 26Page - STMicroelectronics M41ST85WMH6TR Datasheet HTML 27Page - STMicroelectronics M41ST85WMH6TR Datasheet HTML 28Page - STMicroelectronics M41ST85WMH6TR Datasheet HTML 29Page - STMicroelectronics M41ST85WMH6TR Datasheet HTML 30Page - STMicroelectronics M41ST85WMH6TR Datasheet HTML 31Page - STMicroelectronics M41ST85WMH6TR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
Clock operation
M41ST85W
28/41
3.13
trec bit
Bit D7 of Clock Register 04h contains the trec Bit (TR). trec refers to the automatic
continuation of the deselect time after VCC reaches VPFD. This allows for a voltage settling
time before WRITEs may again be performed to the device after a power-down condition.
The trec Bit will allow the user to set the length of this deselect time as defined by Table 6.
3.14
Initial power-on defaults
Upon initial application of power to the device, the following register bits are set to a '0' state:
Watchdog Register, FT, AFE, ABE, SQWE, and TR. The following bits are set to a '1' state:
ST, OUT, and HT (see Table 7).
Table 6.
trec definitions
Table 7.
Default values
trec bit (TR)
STOP bit (ST)
trec time
Units
Min
Max
00
96
98
ms
01
40
200(1)
1.
Default Setting
ms
1
X
50
2000
µs
Condition
TR
ST
HT
Out
FT
AFE
ABE
SQWE
Watchdog
register(1)
1.
WDS, BMB0-BMB4, RB0, RB1.
Initial Power-up(2)
2.
State of other control bits undefined.
011
10
00
0
0
Subsequent Power-up
(with battery back-up)(3)
3.
UC = Unchanged
UC
UC
1
UC
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com