Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST85WMX6TR Datasheet(PDF) 23 Page - STMicroelectronics

Part # M41ST85WMX6TR
Description  3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85WMX6TR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M41ST85WMX6TR Datasheet HTML 19Page - STMicroelectronics M41ST85WMX6TR Datasheet HTML 20Page - STMicroelectronics M41ST85WMX6TR Datasheet HTML 21Page - STMicroelectronics M41ST85WMX6TR Datasheet HTML 22Page - STMicroelectronics M41ST85WMX6TR Datasheet HTML 23Page - STMicroelectronics M41ST85WMX6TR Datasheet HTML 24Page - STMicroelectronics M41ST85WMX6TR Datasheet HTML 25Page - STMicroelectronics M41ST85WMX6TR Datasheet HTML 26Page - STMicroelectronics M41ST85WMX6TR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
M41ST85W
Clock operation
23/41
Bits RPT5–RPT1 put the alarm in the repeat mode of operation. Table 3 shows the possible
configurations. Codes not listed in the table default to the once per second mode to quickly
alert the user of an incorrect alarm setting.
When the clock information matches the alarm clock settings based on the match criteria
defined by RPT5–RPT1, the AF (Alarm Flag) is set. If AFE (Alarm Flag Enable) is also set,
the alarm condition activates the IRQ/FT/OUT pin as shown in Figure 15. To disable alarm,
write '0' to the Alarm Date Register and to RPT5–RPT1.
Note:
If the address pointer is allowed to increment to the Flag Register address, an alarm
condition will not cause the Interrupt/Flag to occur until the address pointer is moved to a
different address. It should also be noted that if the last address written is the “Alarm
Seconds,” the address pointer will increment to the Flag address, causing this situation to
occur.
The IRQ/FT/OUT output is cleared by a READ to the Flags Register. A subsequent READ of
the Flags Register is necessary to see that the value of the Alarm Flag has been reset to '0.'
The IRQ/FT/OUT pin can also be activated in the battery back-up mode. The IRQ/FT/OUT
will go low if an alarm occurs and both ABE (Alarm in Battery Back-up Mode Enable) and
AFE are set. The ABE and AFE Bits are reset during power-up, therefore an alarm
generated during power-up will only set AF. The user can read the Flag Register at system
boot-up to determine if an alarm was generated while the M41ST85W was in the deselect
mode during power-up. Figure 16 on page 24 illustrates the back-up mode alarm timing.
Figure 15.
Alarm interrupt reset waveform
Table 3.
Alarm repeat modes
RPT5
RPT4
RPT3
RPT2
RPT1
Alarm setting
11111
Once per Second
11110
Once per minute
11100
Once per hour
11000
Once per day
10000
Once per month
00000
Once per year
AI03664
IRQ/FT/OUT
ACTIVE FLAG
0Fh
0Eh
10h
HIGH-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com