Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BAT54
Description  Small signal Schottky diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT54 Datasheet(HTML) 1 Page - STMicroelectronics

  BAT54 Datasheet HTML 1Page - STMicroelectronics BAT54 Datasheet HTML 2Page - STMicroelectronics BAT54 Datasheet HTML 3Page - STMicroelectronics BAT54 Datasheet HTML 4Page - STMicroelectronics BAT54 Datasheet HTML 5Page - STMicroelectronics BAT54 Datasheet HTML 6Page - STMicroelectronics BAT54 Datasheet HTML 7Page - STMicroelectronics BAT54 Datasheet HTML 8Page - STMicroelectronics BAT54 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
July 2006
Rev 9
1/13
BAT54 Series
Small signal Schottky diodes
Main product characteristics
Features and benefits
■ Low conduction and reverse losses
■ Negligible switching losses
■ Low forward and reverse recovery times
■ Extremely fast switching
■ Surface mount device
■ Low capacitance diode
Description
The BAT54 series uses 40 V Schottky barrier
diodes packaged in SOD- 23, SOD-323,
SOD-523, SOT-23, SOT-323, or SOT-666.
Order codes
IF
300 mA
VRRM
40 V
C (typ)
7 pF
Tj (max)
150° C
Part Number
Marking
BAT54FILM
D86
BAT54SFILM
D88
BAT54CFILM
D87
BAT54AFILM
D84
BAT54WFILM
D73
BAT54SWFILM
D78
BAT54CWFILM
D77
BAT54AWFILM
D74
BAT54JFILM
86
BAT54KFILM
86
BAT54-07P6FILM
P4
BAT54-09P6FILM
Q4
BAT54ZFILM
D72
SOD-323
SOD-123
SOD-523
SOT-23
SOT-666
BAT54JFILM
(Single)
BAT54ZFILM
(Single)
BAT54KFILM
(Single)
BAT54FILM
(Single)
BAT54SFILM
(Series)
BAT54CFILM
(Common cathode)
BAT54WFILM
(Single)
BAT54CWFILM
(Common cathode)
BAT54AWFILM
(Common anode)
BAT54SWFILM
(Series)
BAT54-07P6FILM
(2 parallel diodes)
BAT54-09P6FILM
(2 opposite diodes)
BAT54AFILM
(Common anode)
SOT-323
Configurations in top view
www.st.com


Similar Part No. - BAT54

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54 PANJIT-BAT54 Datasheet
112Kb / 3P
SURFACT MOUNT SCHOTTKY BARRIER
logo
NXP Semiconductors
BAT54 PHILIPS-BAT54 Datasheet
48Kb / 8P
Schottky barrier double diodes
2002 Mar 04
logo
STMicroelectronics
BAT54 STMICROELECTRONICS-BAT54 Datasheet
83Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
logo
Won-Top Electronics
BAT54 WTE-BAT54 Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Zetex Semiconductors
BAT54 ZETEX-BAT54 Datasheet
101Kb / 2P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODES
More results

Similar Description - BAT54

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
SD103A MCC-SD103A Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAT42W-V VISHAY-BAT42W-V_10 Datasheet
63Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
SD101AW-V VISHAY-SD101AW-V_10 Datasheet
61Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
logo
Comchip Technology
CDBH3-00340-G COMCHIP-CDBH3-00340-G Datasheet
67Kb / 2P
Small Signal Schottky Diodes
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
Small Signal Schottky Diodes
logo
STMicroelectronics
TMMBAT48FILM STMICROELECTRONICS-TMMBAT48FILM Datasheet
67Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com