Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW60N10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW60N10
Description  N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW60N10 Datasheet(HTML) 1 Page - STMicroelectronics

  STW60N10 Datasheet HTML 1Page - STMicroelectronics STW60N10 Datasheet HTML 2Page - STMicroelectronics STW60N10 Datasheet HTML 3Page - STMicroelectronics STW60N10 Datasheet HTML 4Page - STMicroelectronics STW60N10 Datasheet HTML 5Page - STMicroelectronics STW60N10 Datasheet HTML 6Page - STMicroelectronics STW60N10 Datasheet HTML 7Page - STMicroelectronics STW60N10 Datasheet HTML 8Page - STMicroelectronics STW60N10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
STH60N10/FI
STW60N10
N - CHANNEL ENHANCEMENT MODE
POWER MOS TRANSISTOR
s
TYPICAL RDS(on) = 0.02
Ω
s
AVALANCHE RUGGED TECHNOLOGY
s
100% AVALANCHE TESTED
s
REPETITIVE AVALANCHE DATA AT 100
oC
s
LOW GATE CHARGE
s
VERY HIGH CURRENT CAPABILITY
s
175
oC OPERATING TEMPERATURE
s
APPLICATION ORIENTED
CHARACTERIZATION
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SOLENOID AND RELAY DRIVERS
s
REGULATORS
s
DC-DC & DC-AC CONVERTERS
s
MOTOR CONTROL, AUDIO AMPLIFIERS
s
AUTOMOTIVE ENVIRONMENT (INJECTION,
ABS, AIR-BAG, LAMPDRIVERS, Etc.)
INTERNAL SCHEMATIC DIAGRAM
1
2
3
May 1993
TYPE
VDSS
R DS(on)
ID
STH60N10
STH60N10FI
STW60N10
100 V
100 V
100 V
< 0.025
Ω
< 0.025
Ω
< 0.025
Ω
60 A
36 A
60 A
TO-218
ISOWATT218
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Unit
STH/ STW60N10
STH60N10FI
VDS
Drain-source Voltage (VGS =0)
100
V
VDG R
Drain- gate Voltage (RGS =20 k
Ω)100
V
VGS
Gate-source Voltage
± 20
V
ID
Drain Current (cont inuous) at T c =25
oC60
36
A
ID
Drain Current (cont inuous) at T c =100
oC42
22
A
IDM(
•)
Drain Current (pulsed)
240
240
A
Ptot
Total Dissipation at Tc =25
oC
200
70
W
Derating Factor
1. 33
0.56
W/
oC
VISO
I nsulat ion Withstand Voltage (DC)
4000
V
Tstg
St orage Temperat ure
-65 to 175
-65 to 150
oC
Tj
Max. Operat ing Junction Temperature
175
150
oC
(
•) Pulse width limited by safe operating area
1
2
3
1
2
3
TO-247
1/11


Similar Part No. - STW60N10

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW60N10 ISC-STW60N10 Datasheet
350Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW60N10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD2NA60 STMICROELECTRONICS-STD2NA60 Datasheet
172Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
STD3N30L STMICROELECTRONICS-STD3N30L Datasheet
170Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
STD3NA50 STMICROELECTRONICS-STD3NA50 Datasheet
172Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
STP15N05L STMICROELECTRONICS-STP15N05L Datasheet
201Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
STP32N05L STMICROELECTRONICS-STP32N05L Datasheet
201Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
STP32N06L STMICROELECTRONICS-STP32N06L Datasheet
201Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
STP53N08 STMICROELECTRONICS-STP53N08 Datasheet
77Kb / 5P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Mar-1996
STP5N30L STMICROELECTRONICS-STP5N30L Datasheet
198Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
STP3N50XI STMICROELECTRONICS-STP3N50XI Datasheet
289Kb / 7P
N-CHANNEL enhancement mode power mos transistor
IRF630FI STMICROELECTRONICS-IRF630FI Datasheet
190Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com