Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358WDT Datasheet(PDF) 17 Page - STMicroelectronics

Part # LM358WDT
Description  Low power dual operational amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM358WDT Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LM358WDT Datasheet HTML 10Page - STMicroelectronics LM358WDT Datasheet HTML 11Page - STMicroelectronics LM358WDT Datasheet HTML 12Page - STMicroelectronics LM358WDT Datasheet HTML 13Page - STMicroelectronics LM358WDT Datasheet HTML 14Page - STMicroelectronics LM358WDT Datasheet HTML 15Page - STMicroelectronics LM358WDT Datasheet HTML 16Page - STMicroelectronics LM358WDT Datasheet HTML 17Page - STMicroelectronics LM358WDT Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
LM158W-LM258W-LM358W
Revision history
17/18
7
Revision history
Table 8.
Document revision history
Date
Revision
Changes
01-Nov-2002
1
First release.
01-Jul-2005
2
ESD protection inserted in Table 1: Absolute maximum ratings on
page 3.
06-Oct-2006
3
ESD tolerance for model HBM improved to 2kV (Table 1: Absolute
maximum ratings on page 3).
Rthja and Rthjc typical values added in Table 1: Absolute maximum
ratings on page 3.
Added Figure 18: Phase margin vs. capacitive load on page 9.
02-Jan-2007
4
Order codes added (automotive grade level) to Section 6: Ordering
information.
15-Mar-2007
5
Previously called revision 4.
Footnote for automotive grade order codes added to Section 6:
Ordering information.
25-Apr-2007
6
Added missing Revision 4 of January 2007 in revision history.
Corrected revision number of March 2007 to Revision 5.
11-Feb-2008
7
Reformatted electrical characteristics table.
Reformatted package information.
Corrected MiniSO-8 package information.
Corrected operating temperature range for automotive grade parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com