Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T56M6F Datasheet(PDF) 6 Page - STMicroelectronics

Part # M41T56M6F
Description  Serial real-time clock with 56 bytes NVRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T56M6F Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M41T56M6F Datasheet HTML 2Page - STMicroelectronics M41T56M6F Datasheet HTML 3Page - STMicroelectronics M41T56M6F Datasheet HTML 4Page - STMicroelectronics M41T56M6F Datasheet HTML 5Page - STMicroelectronics M41T56M6F Datasheet HTML 6Page - STMicroelectronics M41T56M6F Datasheet HTML 7Page - STMicroelectronics M41T56M6F Datasheet HTML 8Page - STMicroelectronics M41T56M6F Datasheet HTML 9Page - STMicroelectronics M41T56M6F Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Description
M41T56
6/25
Figure 2.
8-pin SOIC connections
Figure 3.
Block diagram
Table 1.
Signal names
OSCI
Oscillator input
OCSO
Oscillator output
FT/OUT
Frequency test / output driver (open drain)
SDA
Serial data address input / output
SCL
Serial clock
VBAT
Battery supply voltage
VCC
Supply voltage
VSS
Ground
1
SDA
VSS
SCL
FT/OUT
OSCO
OSCI
VCC
VBAT
AI02306B
M41T56
2
3
4
8
7
6
5
AI02566
SECONDS
OSCILLATOR
32.768 kHz
VOLTAGE
SENSE
and
SWITCH
CIRCUITRY
SERIAL
BUS
INTERFACE
DIVIDER
CONTROL
LOGIC
ADDRESS
REGISTER
MINUTES
CENTURY/HOURS
DAY
DATE
MONTH
YEAR
CONTROL
RAM
(56 x 8)
OSCI
OSCO
FT/OUT
VCC
VSS
VBAT
SCL
SDA
1 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com