Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T82 Datasheet(PDF) 42 Page - STMicroelectronics

Part # M41T82
Description  Serial I2C bus RTC with battery switchover
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T82 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button M41T82_08 Datasheet HTML 38Page - STMicroelectronics M41T82_08 Datasheet HTML 39Page - STMicroelectronics M41T82_08 Datasheet HTML 40Page - STMicroelectronics M41T82_08 Datasheet HTML 41Page - STMicroelectronics M41T82_08 Datasheet HTML 42Page - STMicroelectronics M41T82_08 Datasheet HTML 43Page - STMicroelectronics M41T82_08 Datasheet HTML 44Page - STMicroelectronics M41T82_08 Datasheet HTML 45Page - STMicroelectronics M41T82_08 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 58 page
background image
Clock operation
M41T82 M41T83
42/58
3.13
Oscillator fail detection
If the Oscillator Fail (OF) bit is internally set to a '1,' this indicates that the oscillator has
either stopped, or was stopped for some period of time. This bit can be used to judge the
validity of the clock and date data. This bit will be set to '1' any time the oscillator stops.
In the event the OF bit is found to be set to '1' at any time other than the initial power-up, the
STOP bit (ST) should be written to a '1,' then immediately reset to '0.' This will restart the
oscillator. The following conditions can cause the OF bit to be set:
●
The first time power is applied (defaults to a '1' on power-up).
Note:
If the OF bit cannot be written to '1' 4 seconds after the initial power-up, the STOP bit (ST)
should be written to a '1,' then immediately reset to '0.'
●
The voltage present on VCC or battery is insufficient to support oscillation.
●
The ST bit is set to '1.'
●
External interference of the crystal
For the M41T83, if the Oscillator Fail Interrupt Enable bit (OFIE) is set to a '1,' the
IRQ1/FT/OUT pin will also be activated. The IRQ1/FT/OUT output is cleared by resetting the
OFIE or OF bit to '0' (NOT by reading the Flag Register).
The OF bit will remain set to '1' until written to logic '0.' The oscillator must start and have
run for at least 4 seconds before attempting to reset the OF bit to '0.' If the trigger event
occurs during a power down condition, this bit will be set correctly.
3.14
Oscillator fail interrupt enable (M41T83 only)
If the Oscillator Fail Interrupt Enable bit (OFIE) is set to a '1,' the IRQ1/FT/OUT pin will also
be activated. The IRQ1/FT/OUT output is cleared by resetting the OFIE or OF bit to '0' (not
by reading the Flags Register).
3.15
Initial power-on defaults
Upon initial application of power to the device, the register bits will initially power-on in the
state indicated in Table 15 and Table 16.
Table 15.
Initial power-on default values (part 1)
Condition(1)
1.
All other control bits power-up in an undetermined state.
ST
CB1 CB0 OUT
FT
DCS
ACS
Digital
calib.
Analog
calib.
OFIE
(2)
2.
M41T83 only.
Watchdog
(3)
3.
BMB0-BMB4, RB0, RB1.
A1IE
(2)
SQWE
(2)
ABE
Initial
Power-up
00
0
1
0
0
0
0
0
0
0
1
0
Subsequent
Power-up(4) (5)
4.
With battery back-up.
5.
UC = unchanged.
UC
UC
UC
UC
0
UC
UC
UC
UC
0
UC
UC
UC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com