Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T56 Datasheet(PDF) 24 Page - STMicroelectronics

Part # M41T56
Description  Serial real-time clock with 56 bytes NVRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T56 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M41T56 Datasheet HTML 17Page - STMicroelectronics M41T56 Datasheet HTML 18Page - STMicroelectronics M41T56 Datasheet HTML 19Page - STMicroelectronics M41T56 Datasheet HTML 20Page - STMicroelectronics M41T56 Datasheet HTML 21Page - STMicroelectronics M41T56 Datasheet HTML 22Page - STMicroelectronics M41T56 Datasheet HTML 23Page - STMicroelectronics M41T56 Datasheet HTML 24Page - STMicroelectronics M41T56 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
Revision history
M41T56
24/25
9
Revision history
Table 13.
Document revision history
Date
Revision
Changes
Mar-1999
1.0
First issue
23-Dec-1999
1.1
SOH28 package added
21-Mar-2000
1.2
Series resistance max value changed (Table 8)
30-Nov-2000
1.3
Added PSDIP8 package
25-Jan-2001
1.4
Corrected graphic, measurements of PSDIP8 (Figure 18, Table 14)
16-Feb-2001
2.0
Reformatted, table added (Table 16).
06-Apr-2001
2.1
Add temp./voltage information to characteristics (Table 7, Table 2); correct
series resistance (Table 8)
17-Jul-2001
2.2
Basic formatting changes
02-Aug-2002
2.3
Modify reflow time and temperature footnote (Table 4); modify crystal
electrical characteristics table footnotes (Table 8); removed PSDIP8
package
07-Nov-2002
2.4
Correct figure name (Features on page 1)
15-Jun-2004
3.0
Reformatted; add lead-free information; update characteristics (Figure 11;
Table 4, Table 12)
11-Sep-2006
4
Changed document to new template; amalgamated diagrams in Features
on page 1; amended footnotes in Table 3: Register map; updated Package
mechanical data in Section 6: Package mechanical data; small text
changes for entire document, removed lead packages from Table 12,
ECOPACK compliant
09-Oct-2006
5
Updated package mechanical data in Figure 15.: SO8 – 8-pin plastic small
package outline.
10-Apr-2007
6
Updated package information references that only SO8 available (cover
page, Section 1, Section 4, Table 4, Table 8, and Table 12).
06-Nov-2007
7
Added lead-free second level interconnect information to cover page and
Section 6: Package mechanical data; updated Table 4, footnote 1 in
Table 8; addition of Section 8: References.
13-Dec-2007
8
Updated cover page and Section 8: References.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com