Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T82 Datasheet(PDF) 57 Page - STMicroelectronics

Part # M41T82
Description  Serial I2C bus RTC with battery switchover
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T82 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button M41T82 Datasheet HTML 50Page - STMicroelectronics M41T82 Datasheet HTML 51Page - STMicroelectronics M41T82 Datasheet HTML 52Page - STMicroelectronics M41T82 Datasheet HTML 53Page - STMicroelectronics M41T82 Datasheet HTML 54Page - STMicroelectronics M41T82 Datasheet HTML 55Page - STMicroelectronics M41T82 Datasheet HTML 56Page - STMicroelectronics M41T82 Datasheet HTML 57Page - STMicroelectronics M41T82 Datasheet HTML 58Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 57 / 58 page
background image
M41T82 M41T83
Revision history
57/58
9
Revision history
Table 29.
Document revision history
Date
Revision
Changes
27-Jul-2006
1
First edition
17-Oct-2006
2
Updated package mechanical data in Figure 31: SO8 – 8-lead plastic small
package outline and Table 27: SO8 – 8-lead plastic small outline (150 mils
body width), package mech. data; small text changes for entire document,
amended footnotes in Table 1, Table 14 and Figure 5.
19-Dec-2006
3
Document status upgraded to full datasheet; added footnote to diagram in
Features; amended footnotes in Figure 2 and updated footnotes in Table 28;
updated ‘typical data’ for ICC1 and ICC2 in Table 20; Updated package
mechanical data for the
QFN16 and SOX18 in Section 6; changed kHz to
KHz through document; made small text changes throughout document.
08-Mar-2007
4
Updated cover page (features and amended footnote concerning availability),
Figure 18: Clock accuracy vs. on-chip load capacitance, and ordering
information (Table 28).
08-May-2007
5
Updated title of product (added I2C bus) on cover page; updated Section 3.16,
Section 3.4.1, Table 17, 20, 28, Figure 29; added Figure 24; added Micro
Crystal information (Table 21).
12-Nov-2007
6
Updated Features on cover page; minor formatting changes; modified
footnote 1 in Table 21; added Section 8: References.
17-Apr-2008
7
Updated cover page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com