Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST26C32AB Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST26C32AB
Description  CMOS quad 3-state differential line receiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST26C32AB Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST26C32AB Datasheet HTML 2Page - STMicroelectronics ST26C32AB Datasheet HTML 3Page - STMicroelectronics ST26C32AB Datasheet HTML 4Page - STMicroelectronics ST26C32AB Datasheet HTML 5Page - STMicroelectronics ST26C32AB Datasheet HTML 6Page - STMicroelectronics ST26C32AB Datasheet HTML 7Page - STMicroelectronics ST26C32AB Datasheet HTML 8Page - STMicroelectronics ST26C32AB Datasheet HTML 9Page - STMicroelectronics ST26C32AB Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical characteristics
ST26C32AB
6/14
3
Electrical characteristics
Table 6.
Electrical characteristics
(VCC = 5 V ± 10 %, unless otherwise specified
(1))
1.
Unless otherwise specified, min./max. limits apply across the recommended operating temperature range. All typical are
given for VCC = 5 V and TA = 25 °C
Symbol
Parameter
Test conditions
Value
Unit
Min.
Typ.
Max.
VTH
Minimum differential input
voltage
VOUT = VOH or VOL, -7V < VCM < 7V
-200
35
200
mV
RIN
Input resistance
VIN = -7V, 7V, other input = GND
5
6.8
10
k
Ω
IIN
Input current
VIN = 10V, other input = GND
1.1
1.5
mA
VIN = -10V, other input = GND
-2
-2.5
VOH
High level output voltage
VDIFF = 1V, IOUT = -6mA
3.8
4.2
V
VOL
Low level output voltage
VDIFF = -1V, IOUT = 6mA
0.2
0.3
V
VIH
Minimum enable high input
level voltage
2V
VIL
Minimum enable low input
level voltage
0.8
V
IOZ
3-state output leakage current
VOUT = VCC or GND
ENABLE = VIL, ENABLE = VIH
±0.5
±5
µA
II
Maximum enable input
current
VIN = VCC or GND
±1
µA
ICC
Quiescent power supply
current
VCC = Max, V(DIFF) = 1V
16
23
mA
VHYST
Input hysteresis
VCM = 0V
60
mV
Table 7.
Switching characteristics (VCC = 5 V ± 10 %,
(1))
Symbol
Parameter
Test conditions
Value
Unit
Min.
Typ.
Max.
tPLH
tPHL
Propagation delay input to
output
CL = 50pF, VDIFF = 2.5V, VCM = 0V
19
30
ns
tRISE
tFALL
Output rise and fall times
CL = 50pF, VDIFF = 2.5V, VCM = 0V
4
9
ns
tPZH
tPZL
Propagation enable time
to output
CL = 50pF, VDIFF = 2.5V, RL = 1000Ω
13
23
ns
tPHZ
tPLZ
Propagation disable time
to output
CL = 50pF, VDIFF = 2.5V, RL = 1000Ω
13
22
ns
DR
Data rate
CL = 50pF, VDIFF = 2.5V
All outputs loaded and switching
10
20
Mbits/s
1.
Unless otherwise specified, min./max. limits apply across the recommended operating temperature range. All typical are
given for VCC = 5 V and TA = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com