Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST26C31BDR Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST26C31BDR
Description  CMOS quad 3-state differential line driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST26C31BDR Datasheet(HTML) 3 Page - STMicroelectronics

  ST26C31BDR Datasheet HTML 1Page - STMicroelectronics ST26C31BDR Datasheet HTML 2Page - STMicroelectronics ST26C31BDR Datasheet HTML 3Page - STMicroelectronics ST26C31BDR Datasheet HTML 4Page - STMicroelectronics ST26C31BDR Datasheet HTML 5Page - STMicroelectronics ST26C31BDR Datasheet HTML 6Page - STMicroelectronics ST26C31BDR Datasheet HTML 7Page - STMicroelectronics ST26C31BDR Datasheet HTML 8Page - STMicroelectronics ST26C31BDR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ST26C31B
Pin configuration
3/15
1
Pin configuration
Figure 1.
Pin connections
Table 2.
Pin description
Pin n°
Symbol
Name and function
1AIN
Input A
2AOUT
Channel A output
3AOUT
Channel A output
4
EN
ENABLE
5BOUT
Channel B output
6BOUT
Channel B output
7BIN
Input B
8
GND
Ground
9CIN
Input C
10
COUT
Channel C output
11
COUT
Channel C output
12
EN
ENABLE
13
DOUT
Channel D output
14
DOUT
Channel D output
15
DIN
Input D
16
VCC
Supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com