Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST490ABN Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST490ABN
Description  Low power high speed RS-485/RS-422 transceiver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST490ABN Datasheet(HTML) 4 Page - STMicroelectronics

  ST490ABN Datasheet HTML 1Page - STMicroelectronics ST490ABN Datasheet HTML 2Page - STMicroelectronics ST490ABN Datasheet HTML 3Page - STMicroelectronics ST490ABN Datasheet HTML 4Page - STMicroelectronics ST490ABN Datasheet HTML 5Page - STMicroelectronics ST490ABN Datasheet HTML 6Page - STMicroelectronics ST490ABN Datasheet HTML 7Page - STMicroelectronics ST490ABN Datasheet HTML 8Page - STMicroelectronics ST490ABN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Truth tables
ST490AB
4/17
2
Truth tables
Note:
X = Don’t care; Z = High impedance
Note:
X = Don’t care; Z = High impedance
Table 3.
Truth table (driver)
Inputs
Outputs
DI
Y
Z
LL
H
HH
L
Table 4.
Truth table (receiver)
Differential inputs
Outputs
A-B
RO
-0.2V
H
between -0.2V to 0.2V
?
-0.2V
L
OPEN
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com