Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3485EB Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST3485EB
Description  3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3485EB Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST3485EB Datasheet HTML 2Page - STMicroelectronics ST3485EB Datasheet HTML 3Page - STMicroelectronics ST3485EB Datasheet HTML 4Page - STMicroelectronics ST3485EB Datasheet HTML 5Page - STMicroelectronics ST3485EB Datasheet HTML 6Page - STMicroelectronics ST3485EB Datasheet HTML 7Page - STMicroelectronics ST3485EB Datasheet HTML 8Page - STMicroelectronics ST3485EB Datasheet HTML 9Page - STMicroelectronics ST3485EB Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Electrical characteristics
ST3485EB - ST3485EC
6/22
4
Electrical characteristics
Table 7.
Electrical characteristics
VCC = 3 V to 3.6 V, TA = -40 to 85 °C, unless otherwise specified. Typical values are referred
to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISUPPLY
VCC Power supply current No Load, DI=0V or VCC
DE=VCC,
RE=0V or VCC
1.3
2.2
mA
DE=0V,
RE=0V
1.2
1.9
mA
ISHDN
Shutdown supply current
DE=0V, RE=VCC, DI=0V or VCC
0.002
1
µA
Table 8.
Logic input electrical characteristics
VCC = 3 V to 3.6 V, TA = -40 to 85 °C, unless otherwise specified. Typical values are referred
to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input logic threshold low
DE, DI, RE
1.3
0.8
V
VIH
Input logic threshold high
DE, DI, RE
2
V
IIN1
Logic input current
DE, DI, RE
± 2.0
µA
IIN2
Input current (A, B)
DE=0V, VCC= 0 or 3.6V
VIN=12V
1
mA
VIN=-7V
-0.8
mA
Table 9.
Transmitter electrical characteristics
VCC = 3 V to 3.6 V, TA = -40 to 85 °C, unless otherwise specified. Typical values are referred
to TA = 25°C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VOD
Differential drive output
RL= 100Ω (RS-422) (Figure 1)2
V
RL= 54Ω (RS-485) (Figure 1)1.5
V
RL= 60Ω (RS-485) (Figure 2)1.5
V
ΔVOD
Change in magnitude of driver
differential output voltage for
complementary output states
(Note: 1)
RL= 54Ω or 100Ω (Figure 1)0.2
V
VOC
Driver common mode output
voltage
RL= 54Ω or 100Ω (Figure 1)3
V
ΔVOC
Change in magnitude of driver
common mode output voltage
(Note: 1)
RL= 54Ω or 100Ω (Figure 1)0.2
V
IOSD
Driver short circuit output
current
± 250
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com