Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH806D Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH806D
Description  Turbo 2 ultrafast - high voltage rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH806D Datasheet(HTML) 1 Page - STMicroelectronics

  STTH806D Datasheet HTML 1Page - STMicroelectronics STTH806D Datasheet HTML 2Page - STMicroelectronics STTH806D Datasheet HTML 3Page - STMicroelectronics STTH806D Datasheet HTML 4Page - STMicroelectronics STTH806D Datasheet HTML 5Page - STMicroelectronics STTH806D Datasheet HTML 6Page - STMicroelectronics STTH806D Datasheet HTML 7Page - STMicroelectronics STTH806D Datasheet HTML 8Page - STMicroelectronics STTH806D Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
August 2006
Rev 2
1/9
STTH806
Turbo 2 ultrafast - high voltage rectifier
Main product characteristics
Features and benefits
Ultrafast switching
Low reverse current
Low thermal resistance
Reduces conduction and switching losses
Insulated package TO-220AC Ins
– Insulated voltage: 2500 VRMS
– Typical package capacitance: 7 pF
Description
The STTH806 uses ST Turbo2 600 V technology.
This device is specially suited for use in switching
power supplies, and industrial applications.
Order codes
IF(AV)
8 A
VRRM
600 V
Tj
175° C
VF (typ)
1.1 V
trr (max)
35 ns
Part Number
Marking
STTH806G
STTH806G
STTH806G-TR
STTH806G
STTH806D
STTH806D
STTH806DIRG
STTH806DI
K
A
TO-220AC Ins
STTH806DIRG
K
A
TO-220AC
STTH806D
K
A
D2PAK
STTH806G
K
A
NC
Table 1.
Absolute ratings (limiting values per diode at 25° C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
600
V
IF(RMS)
RMS forward current
TO-220AC, D2PAK
30
A
TO-220 Ins
24
A
IF(AV)
Average forward current,
δ = 0.5
Tc = 140° C
TO-220AC, D2PAK
8
A
Tc = 120° C
TO-220 Ins
8
A
IFSM
Surge non repetitive forward current tp = 10 ms Sinusoidal
90
A
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature(1)
175
°C
1.
condition to avoid thermal runaway for a diode on its own heatsink
dP
tot
dT
j
---------------
1
R
th j
a
()
--------------------------
<
www.st.com


Similar Part No. - STTH806D

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
STTH806D ZSELEC-STTH806D Datasheet
100Kb / 2P
8.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
STMicroelectronics
STTH806DTI STMICROELECTRONICS-STTH806DTI Datasheet
42Kb / 5P
Tandem 600V HYPERFAST BOOST DIODE
Oct-2003
STTH806DTI STMICROELECTRONICS-STTH806DTI Datasheet
68Kb / 6P
Tandem 600V HYPERFAST BOOST DIODE
29-Jun-2005
STTH806DTI STMICROELECTRONICS-STTH806DTI Datasheet
88Kb / 7P
Tandem 600 V hyperfast boost diode
11-Jul-2007
STTH806DTI STMICROELECTRONICS-STTH806DTI_05 Datasheet
68Kb / 6P
Tandem 600V HYPERFAST BOOST DIODE
29-Jun-2005
More results

Similar Description - STTH806D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1L06 STMICROELECTRONICS-STTH1L06 Datasheet
81Kb / 8P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Jul-2002
STTH5R06D STMICROELECTRONICS-STTH5R06D Datasheet
135Kb / 8P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Oct-2002
STTH60L06 STMICROELECTRONICS-STTH60L06 Datasheet
71Kb / 6P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
10-Sep-2004
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
Turbo 2 ultrafast - high voltage rectifier
18-May-2006
STTH8L06 STMICROELECTRONICS-STTH8L06_06 Datasheet
156Kb / 10P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8R06 STMICROELECTRONICS-STTH8R06 Datasheet
173Kb / 12P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8006 STMICROELECTRONICS-STTH8006 Datasheet
88Kb / 6P
Turbo 2 ultrafast high voltage rectifier
15-Dec-2006
STTH8S06 STMICROELECTRONICS-STTH8S06 Datasheet
100Kb / 8P
Turbo 2 ultrafast high voltage rectifier
18-Dec-2007
STTH8R06 STMICROELECTRONICS-STTH8R06_08 Datasheet
172Kb / 12P
Turbo 2 ultrafast high voltage rectifier
16-Apr-2008
STTH50W06S STMICROELECTRONICS-STTH50W06S Datasheet
87Kb / 8P
Turbo 2 ultrafast high voltage rectifier
05-Oct-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com