Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM7E1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STM7E1
Description  7 e 1 channels switch array
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM7E1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM7E1 Datasheet HTML 3Page - STMicroelectronics STM7E1 Datasheet HTML 4Page - STMicroelectronics STM7E1 Datasheet HTML 5Page - STMicroelectronics STM7E1 Datasheet HTML 6Page - STMicroelectronics STM7E1 Datasheet HTML 7Page - STMicroelectronics STM7E1 Datasheet HTML 8Page - STMicroelectronics STM7E1 Datasheet HTML 9Page - STMicroelectronics STM7E1 Datasheet HTML 10Page - STMicroelectronics STM7E1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
STM7E1
Pin configuration
7/16
10
Tx#3
IOA
Channel 3: TX line
11
Txs#3
IOA
Channel 3: TX spare port
13
Rxm#4
IOA
Channel 4: RX main port
14
Rx#4
IOA
Channel 4: RX line
15
Rxs#4
IOA
Channel 4: RX spare port
16, 34, 48, 64
VPOS(2)
P
Positive power supply
18
Txm#4
IOA
Channel 4: TX main port
19
Tx#4
IOA
Channel 4: TX line
20
Txs#4
IOA
Channel 4: TX spare port
22
Rxm#5
IOA
Channel 5: RX main port
23
Rx#5
IOA
Channel 5: RX line
24
Rxs#5
IOA
Channel 5: RX spare port
26
Txm#5
IOA
Channel 5: TX main port
27
Tx#5
IOA
Channel 5: TX line
28
Txs#5
IOA
Channel 5: TX spare port
30
Rxm#6
IOA
Channel 6: RX main port
31
Rx#6
IOA
Channel 6: RX line
32
Rxs#6
IOA
Channel 6: RX spare port
35
Sc
I
Control digital input
36
Ls
I
Control digital input
37
Lm
I
Control digital input
39
Txm#6
IOA
Channel 6: TX main port
40
Tx#6
IOA
Channel 6: TX line
41
Txs#6
IOA
Channel 6: TX spare port
42
Mode
I
Control Digital Input
43
Rxm#0
IOA
Channel 0: RX main port
44
Rx#0
IOA
Channel 0: RX line
45
Rxs#0
IOA
Channel 0: RX spare port
46
TEST/Sn
I
Channel 6: RX main port
49
Txm#0
IOA
Channel 0: TX main port
50
Tx#0
IOA
Channel 0: TX line
51
Txs#0
IOA
Channel 0: TX spare port
53
Rxm#1
IOA
Channel 1: RX main port
54
Rx#1
IOA
Channel 1: RX line
55
Rxs#1
IOA
Channel 1: RX spare port
57
Txm#1
IOA
Channel 1: TX main port
Table 6.
Pin description (continued)
Pin n°
Symbol
Type
Name and function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com