Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH3002 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH3002
Description  Ultrafast recovery diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3002 Datasheet(HTML) 1 Page - STMicroelectronics

  STTH3002 Datasheet HTML 1Page - STMicroelectronics STTH3002 Datasheet HTML 2Page - STMicroelectronics STTH3002 Datasheet HTML 3Page - STMicroelectronics STTH3002 Datasheet HTML 4Page - STMicroelectronics STTH3002 Datasheet HTML 5Page - STMicroelectronics STTH3002 Datasheet HTML 6Page - STMicroelectronics STTH3002 Datasheet HTML 7Page - STMicroelectronics STTH3002 Datasheet HTML 8Page - STMicroelectronics STTH3002 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
May 2006
Rev 1
1/10
STTH3002
Ultrafast recovery diode
Main product characteristics
Features and benefits
Very low conduction losses
Negligible switching losses
Low forward and reverse recovery time
High junction temperature
Description
The STTH3002 uses ST's new 200 V planar Pt
doping technology, and is specially suited for
switching mode base drive and transistor circuits.
Packaged in DO-247, DOP3I, and D²PAK, this
device is intended for use in low voltage, high
frequency inverters, free wheeling and polarity
protection.
Order codes
IF(AV)
30 A
VRRM
200 V
Tj (max)
175° C
VF (typ)
0.77 V
trr (typ)
22 ns
Part Number
Marking
STTH3002W
STTH3002
STTH3002PI
STTH3002
STTH3002G
STTH3002
STTH3002G-TR
STTH3002
DO-247
STTH3002W
DOP3I
STTH3002PI
DPAK
STTH3002G
2
A
A
A
A
K
K
K
K
NC
www.st.com


Similar Part No. - STTH3002

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH3002 STMICROELECTRONICS-STTH3002 Datasheet
101Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Feb-2004
STTH3002C STMICROELECTRONICS-STTH3002C Datasheet
138Kb / 11P
High efficiency ultrafast diode
05-Apr-2006
STTH3002CG STMICROELECTRONICS-STTH3002CG Datasheet
101Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Feb-2004
STTH3002CG STMICROELECTRONICS-STTH3002CG Datasheet
138Kb / 11P
High efficiency ultrafast diode
05-Apr-2006
STTH3002CG-TR STMICROELECTRONICS-STTH3002CG-TR Datasheet
101Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Feb-2004
More results

Similar Description - STTH3002

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH3R02 STMICROELECTRONICS-STTH3R02 Datasheet
116Kb / 9P
Ultrafast recovery diode
10-Oct-2006
STTH8R04 STMICROELECTRONICS-STTH8R04 Datasheet
157Kb / 11P
Ultrafast recovery diode
11-Mar-2007
logo
Sanken electric
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
Ultrafast Recovery Diode
FMXA-2153S SANKEN-FMXA-2153S Datasheet
302Kb / 8P
Ultrafast Recovery Diode
FMXA-1106S SANKEN-FMXA-1106S Datasheet
405Kb / 8P
Ultrafast Recovery Diode
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
Ultrafast Recovery Diode
MPL-1036S SANKEN-MPL-1036S Datasheet
247Kb / 5P
Ultrafast Recovery Diode
logo
Inchange Semiconductor ...
DPG60C400HB ISC-DPG60C400HB Datasheet
286Kb / 2P
Ultrafast Recovery Diode
DSEP60-12A ISC-DSEP60-12A Datasheet
429Kb / 2P
Ultrafast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com