Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH6102TV Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH6102TV
Description  HIGH EFFICIENCY ULTRAFAST DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH6102TV Datasheet(HTML) 2 Page - STMicroelectronics

  STTH6102TV Datasheet HTML 1Page - STMicroelectronics STTH6102TV Datasheet HTML 2Page - STMicroelectronics STTH6102TV Datasheet HTML 3Page - STMicroelectronics STTH6102TV Datasheet HTML 4Page - STMicroelectronics STTH6102TV Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
STTH6102TV
2/5
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR*
Reverse leakage
current
Tj = 25°C
VR =VRRM
50
µA
Tj = 125°C
25
250
VF**
Forward voltage drop
Tj = 25°C
IF =30 A
1.05
V
Tj = 25°C
IF =60 A
1.15
Tj = 150°C
IF =30 A
0.70
0.81
Tj = 150°C
IF =60 A
0.96
Pulse test: * tp = 5ms,
δ <2%
** tp = 380µs,
δ <2%
To evaluate the maximum conduction losses use the following equation :
P = 0.66 x IF(AV) + 0.005 IF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Maximum
Unit
Rth (j-c)
Junction to case
Per diode
1.2
°C/W
Per device
0.65
Rth (j-c)
Coupling
0.1
°C/W
When the diodes 1 and 2 are used simultaneously:
∆ Tj (diode1) = P(diode1) x Rth(j-c) (per diode) + P(diode2) x Rth(c)
THERMAL PARAMETERS
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
trr
Reverse
recovery time
Tj = 25°C
IF =1A VR = 30V
dIF/dt = 200 A/µs
25
30
ns
IRM
Reverse
recovery current
Tj = 125°C
IF =30A VR = 160V
dIF/dt = 200 A/µs
6.8
8.8
A
tfr
Forward
recovery time
Tj = 25°C
IF =30A dIF/dt = 200 A/µs
VFR = 1.1 x VFmax
220
ns
VFP
Forward
recovery voltage
Tj = 25°C
IF =30A dIF/dt = 200 A/µs
2.5
V
DYNAMIC ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com