Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH3R04 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH3R04
Description  Ultrafast recovery diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3R04 Datasheet(HTML) 3 Page - STMicroelectronics

  STTH3R04 Datasheet HTML 1Page - STMicroelectronics STTH3R04 Datasheet HTML 2Page - STMicroelectronics STTH3R04 Datasheet HTML 3Page - STMicroelectronics STTH3R04 Datasheet HTML 4Page - STMicroelectronics STTH3R04 Datasheet HTML 5Page - STMicroelectronics STTH3R04 Datasheet HTML 6Page - STMicroelectronics STTH3R04 Datasheet HTML 7Page - STMicroelectronics STTH3R04 Datasheet HTML 8Page - STMicroelectronics STTH3R04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STTH3R04
Characteristics
3/10
Table 5.
Dynamic characteristics (Tj = 25 °C unless otherwise stated)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
trr
Reverse recovery time
IF = 1 A, dIF/dt = -50 A/µs,
VR = 30 V, Tj = 25 °C
35
ns
IF = 1 A, dIF/dt = -100 A/µs,
VR = 30 V, Tj = 25 °C
18
25
IRM
Reverse recovery current
IF = 3.0 A, dIF/dt = -200 A/µs,
VR = 320 V, Tj = 125 °C
45.5
A
tfr
Forward recovery time
IF = 3.0 A
dIF/dt = 100 A/µs
VFR = 1.1 x VFmax, Tj = 25 °C
75
ns
VFP
Forward recovery voltage
IF = 3.0 A
dIF/dt = 100 A/µs
2.5
V
Figure 1.
Conduction losses versus
average forward current
Figure 2.
Forward voltage drop versus
forward current
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
P(W)
δ=0.05
δ=0.1
δ=0.2
δ=0.5
δ=1
T
δ=tp/T
tp
IF(AV)(A)
0
5
10
15
20
25
30
35
40
45
50
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
I
FM(A)
T
J=150°C
(Maximum values)
T
J=150°C
(Maximum values)
T
J=150°C
(Typical values)
T
J=150°C
(Typical values)
T
J=25°C
(Maximum values)
T
J=25°C
(Maximum values)
VFM(V)
Figure 3.
Relative variation of thermal
impedance junction to lead versus
pulse duration, DO-15 (epoxy FR4,
copper thickness = 35 µm)
Figure 4.
Relative variation of thermal
impedance junction to ambient
versus pulse duration, DO-201AD
(epoxy FR4, copper
thickness = 35 µm)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Z
th(j-l)/Rth(j-l)
Single pulse
DO-15
Lleads=10mm
tP(s)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Z
th(j-a)/Rth(j-a)
Single pulse
DO-201AD
Lleads=10mm
tP(s)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com