Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH3R04Q Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH3R04Q
Description  Ultrafast recovery diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3R04Q Datasheet(HTML) 4 Page - STMicroelectronics

  STTH3R04Q Datasheet HTML 1Page - STMicroelectronics STTH3R04Q Datasheet HTML 2Page - STMicroelectronics STTH3R04Q Datasheet HTML 3Page - STMicroelectronics STTH3R04Q Datasheet HTML 4Page - STMicroelectronics STTH3R04Q Datasheet HTML 5Page - STMicroelectronics STTH3R04Q Datasheet HTML 6Page - STMicroelectronics STTH3R04Q Datasheet HTML 7Page - STMicroelectronics STTH3R04Q Datasheet HTML 8Page - STMicroelectronics STTH3R04Q Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
STTH3R04
4/10
Figure 5.
Relative variation of thermal
impedance junction to ambient
versus pulse duration, SMB (epoxy
FR4, copper thickness = 35 µm)
Figure 6.
Relative variation of thermal
impedance junction to ambient
versus pulse duration, SMC
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Z
th(j-a)/Rth(j-a)
Single pulse
SMB
SCu=1cm²
tP(s)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Z
th(j-a)/Rth(j-a)
Single pulse
SMC
SCu=1cm²
tP(s)
Figure 7.
Junction capacitance versus
reverse voltage applied
(typical values)
Figure 8.
Reverse recovery charges versus
dIF/dt (typical values)
1
10
100
1
10
100
1000
C(pF)
F=1MHz
V
OSC=30mVRMS
T
j=25°C
VR(V)
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
Q
RR(nC)
I
F= 3 A
V
R=320 V
T
j=125 °C
T
j=25 °C
dIF/dt(A/µs)
Figure 9.
Reverse recovery time versus
dIF/dt (typical values)
Figure 10.
Peak reverse recovery current
versus dIF/dt (typical values)
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
t
RR(ns)
I
F= 3 A
V
R=320 V
T
j=125 °C
T
j=25 °C
dIF/dt(A/µs)
0
1
2
3
4
5
6
7
8
10
100
1000
I
RM(A)
I
F= 3 A
V
R=320 V
T
j=125 °C
T
j=25 °C
dIF/dt(A/µs)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com