Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH3L06U Datasheet(PDF) 9 Page - STMicroelectronics

Part # STTH3L06U
Description  TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3L06U Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STTH3L06U Datasheet HTML 2Page - STMicroelectronics STTH3L06U Datasheet HTML 3Page - STMicroelectronics STTH3L06U Datasheet HTML 4Page - STMicroelectronics STTH3L06U Datasheet HTML 5Page - STMicroelectronics STTH3L06U Datasheet HTML 6Page - STMicroelectronics STTH3L06U Datasheet HTML 7Page - STMicroelectronics STTH3L06U Datasheet HTML 8Page - STMicroelectronics STTH3L06U Datasheet HTML 9Page - STMicroelectronics STTH3L06U Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
STTH3L06
9/10
Figure 22: DO-201AD Package Mechanical Data
BA
E
E
ØD
ØD
ØC
B
note 2
note 1
note 1
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A9.50
0.374
B
25.40
1.000
C5.30
0.209
D1.30
0.051
E
1.25
0.049
NOTES
1 - The lead diameter ø D is not controlled over zone E
2 - The minimum axial length within which the device
may be placed with its leads bent at right angles is
0.59"(15 mm)
In order to meet environmental requirements, ST offers these devices in ECOPACK® packages. These
packages have a Lead-free second level interconnect . The category of second level interconnect is
marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The
maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an
ST trademark. ECOPACK specifications are available at: www.st.com.
Table 7: Ordering Information
■ Epoxy meets UL94, V0
■ Band indicated cathode (DO-201AD)
■ Bending method: see application note AN1471 (DO-201AD)
Ordering type
Marking
Package
Weight
Base qty
Delivery
mode
STTH3L06
STTH3L06
DO-201AD
1.12 g
600
Ammopack
STTH3L06-RL
STTH3L06
DO-201AD
1.12 g
1900
Tape & reel
STTH3L06B
STTH3L06B
DPAK
0.3 g
75
Tubel
STTH3L06B-TR
STTH3L06B
DPAK
0.3 g
2500
Tape & reel
STTH3L06U
3L6U
SMB
0.11 g
2500
Tape & reel
STTH3L06S
S06
SMC
0.243 g
2500
Tape & reel
Table 8: Revision History
Date
Revision
Description of Changes
October-2001
1
First issue
07-Sep-2004
2
SMB, SMC and DPAK packages added
14-Oct-2005
3
Changed marking of STTH3L06U from 3L06U to 3L6U.
Added ECOPACK statement



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com